Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69008 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # PD69008
Description  8 Ports Power Over Ethernet Manager
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69008 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button PD69008 Datasheet HTML 7Page - Microsemi Corporation PD69008 Datasheet HTML 8Page - Microsemi Corporation PD69008 Datasheet HTML 9Page - Microsemi Corporation PD69008 Datasheet HTML 10Page - Microsemi Corporation PD69008 Datasheet HTML 11Page - Microsemi Corporation PD69008 Datasheet HTML 12Page - Microsemi Corporation PD69008 Datasheet HTML 13Page - Microsemi Corporation PD69008 Datasheet HTML 14Page - Microsemi Corporation PD69008 Datasheet HTML 15Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PD69008 - 8 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
Page 11
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Copyright
© 2009
Rev. 1.0, 2009-03-15
Pin Description ________________________________________________________________________________
Pin
Pin Name
[Package]
Pin Type
Description
0
PAD
Gnd
Exposed pad connected to underside of die
1
VPORT_POS0
Analog I/O
Port 0 positive input
2
VPORT_POS1
Analog I/O
Port 1 positive input
3
VPORT_POS2
Analog I/O
Port 2 positive input
4
VPORT_POS3
Analog I/O
Port 3 positive input
5
VPORT_POS4
Analog I/O
Port 4 positive input
6
VPORT_POS5
Analog I/O
Port 5 positive input
7
VPORT_POS6
Analog I/O
Port 6 positive input
8
VPORT_POS7
Analog I/O
Port 7 positive input
9
NC
Not Connected
10
NC
Not Connected
11
NC
Not Connected
12
NC
Not Connected
13
CP_OUT
Analog I/O
Charge Pump Output Pulse
14
CP_IN
Supply
Charge pump input
15
VMAIN
Supply
Main Voltage supply
16
REF_PORT_NEG
Analog I/O
Port negative reference
17
DGND2
GND
Digital ground
18
POWER_GOOD0 MULTIPLEXED
WITH GPIO_0
Digital I/O
Power supply monitoring Multiplexed with General
purpose I/O
19
POWER_GOOD1 MULTIPLEXED
WITH GPIO_1
Digital I/O
Power supply monitoring Multiplexed with General
purpose I/O
20
POWER_GOOD2 MULTIPLEXED
WITH GPIO_4
Digital I/O
Power supply monitoring Multiplexed with General
purpose I/O
21
AGND1
GND
Analog ground
22
VPORT_NEG6
Analog I/O
Port 6 negative voltage feeding
23
PORT_SENSE6
Analog I/O
Channel current monitoring
24
FET_G6
Analog I/O
Port 6 – Gate control
25
FET_G7
Analog I/O
Port 7 – Gate control
26
PORT_SENSE7
Analog I/O
Channel current monitoring
27
VPORT_NEG7
Analog I/O
Port 7 negative voltage feeding
28
NC
Not Connected
29
NC
Not Connected
30
NC
Not Connected
31
NC
Not Connected
32
NC
Not Connected
33
NC
Not Connected
34
NC
Not Connected
35
NC
Not Connected
36
NC
Not Connected
37
NC
Not Connected
38
NC
Not Connected
39
NC
Not Connected
40
DGND1
GND
Digital ground
41
DISABLE_PORTS_N
Digital Input
Disable All Ports Power – Active Low
42
CS_N
Digital I/O
SPI bus, Chip Select
43
MISO
Digital I/O
SPI bus, Master Data in/slave out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com