Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69008 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # PD69008
Description  8 Ports Power Over Ethernet Manager
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69008 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button PD69008 Datasheet HTML 7Page - Microsemi Corporation PD69008 Datasheet HTML 8Page - Microsemi Corporation PD69008 Datasheet HTML 9Page - Microsemi Corporation PD69008 Datasheet HTML 10Page - Microsemi Corporation PD69008 Datasheet HTML 11Page - Microsemi Corporation PD69008 Datasheet HTML 12Page - Microsemi Corporation PD69008 Datasheet HTML 13Page - Microsemi Corporation PD69008 Datasheet HTML 14Page - Microsemi Corporation PD69008 Datasheet HTML 15Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PD69008 - 8 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
Page 13
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Copyright
© 2009
Rev. 1.0, 2009-03-15
Configuration Pins _________________________________________
There are two main configuration pins utilized in the PD69008 (as shown in Figure 3) which configure the operation
mode of the chip and the communication addresses (SPI and I
2C).
PD69008
Ex _Reg
ASIC_INI
I2C_INI
VMain
VPeri 3.3v
ADC2P5
QGN D
Figure 3: Electronic Connection of Configuration Pins
Application information _______________________________________
The PD69008 can be integrated into a number of applications such as daughter boards, Ethernet switches or
routers. Examples of such applications are described below:
Integrated directly into a switch: Facilitates entire PoE concept by including the IC(s) on the main switch’s PCB.
Daughter board add-on: The IC is integrated into a small dedicated PoE PCB, mounted on top of the switch’s main
PCB or into a DIMM module.
Integrated into an RJ45 connector: Saves space on the main board and creates small differences between the PoE
and non-PoE versions of a switch.
Midspans: Stand-alone devices, installed between the Ethernet switch and the PDs (Powered Devices) such as
telephones, cameras, wireless LANs, etc.
These Midspans include the PD69008 IC as a PoE control element, destined to inject power over the
communication lines.
Figure 4 and Figure 5 provide examples of basic applications of the PD69008 in an AC Disconnect Mode and the
DC Disconnect Mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com