Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69008 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # PD69008
Description  8 Ports Power Over Ethernet Manager
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69008 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button PD69008 Datasheet HTML 7Page - Microsemi Corporation PD69008 Datasheet HTML 8Page - Microsemi Corporation PD69008 Datasheet HTML 9Page - Microsemi Corporation PD69008 Datasheet HTML 10Page - Microsemi Corporation PD69008 Datasheet HTML 11Page - Microsemi Corporation PD69008 Datasheet HTML 12Page - Microsemi Corporation PD69008 Datasheet HTML 13Page - Microsemi Corporation PD69008 Datasheet HTML 14Page - Microsemi Corporation PD69008 Datasheet HTML 15Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PD69008 - 8 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
Page 12
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Copyright
© 2009
Rev. 1.0, 2009-03-15
Pin
Pin Name
[Package]
Pin Type
Description
44
MOSI
Digital I/O
SPI bus, Master Data out/slave in
45
SCK
Digital I/O
SPI bus, Serial clock I/O
46
SCL
Digital Input
I2C bus, Serial Clock Input
47
SDA_OUT MULTIPLEXED WITH
TEST_MODE
Digital I/O
Third pin in I2C protocol
Test Mode Pin – Must be tied to VPERI with pull-up
resistor if not used
48
SDA
Digital I/O
I2C bus, open drain
49
RESET_N
Digital I/O
Active Low Reset I/O
50
IREF
Analog I/O
Current reference
51
ASICINI
Analog Input
Analog input for Asic initialization
52
VCC2P5
Internal Regulator
Internal 2.5v source – not to be used for external
devices
53
I2CINI
Analog Input
Analog input for I2C initialization
54
QGND
GND
Quiet analog ground
55
ADC2P5
Internal reference
ADC reference – not to be used for external
devices
56
EXT_REG
Analog Out
External regulation
57
VPERI
Analog Out
Regulated 3.3v output voltage source for external
devices
58
CS_EEPROM_N & LSL
MULTIPLEXED WITH INTERRUPT_N
Digital Output Open
drain
SPI bus, EEPROM Chip Select & LED Stream
Latch (if set) Multiplexed with interrupt out
59
LSD MULTIPLEXED WITH GPIO_2
Digital I/O
LED Stream Data – data out Multiplexed with
General purpose I/O
60
LSC MUXED WITH GPIO_3
Digital I/O
LED Stream CLK– CLK out Multiplexed with
General purpose I/O
61
SENSE_NEG
Analog I/O
Port sense reference
62
AGND2
GND
Analog ground
63
VPORT_NEG0
Analog I/O
Port 0 negative voltage feeding
64
PORT_SENSE0
Analog I/O
Channel current monitoring
65
FET_G0
Analog I/O
Port 0 – Gate control
66
FET_G1
Analog I/O
Port 1 – Gate control
67
PORT_SENSE1
Analog I/O
Channel current monitoring
68
VPORT_NEG1
Analog I/O
Port 1 negative voltage feeding
69
VPORT_NEG2
Analog I/O
Port 2 negative voltage feeding
70
PORT_SENSE2
Analog I/O
Channel current monitoring
71
FET_G2
Analog I/O
Port 2 – Gate control
72
FET_G3
Analog I/O
Port 3 – Gate control
73
PORT_SENSE3
Analog I/O
Channel current monitoring
74
VPORT_NEG3
Analog I/O
Port 3 negative voltage feeding
75
VPORT_NEG4
Analog I/O
Port 4 negative voltage feeding
76
PORT_SENSE4
Analog I/O
Channel current monitoring
77
FET_G4
Analog I/O
Port 4 – Gate control
78
FET_G5
Analog I/O
Port 5 – Gate control
79
PORT_SENSE5
Analog I/O
Channel current monitoring
80
VPORT_NEG5
Analog I/O
Port 5 negative voltage feeding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com