Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2639 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM2639
Description  12-Bit Parallel Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2639 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM2639 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
WM2639
Production Data
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 July 1999
8
DEVICE DESCRIPTION
GENERAL FUNCTION
The device uses a resistor string network buffered with an op amp to convert 12-bit digital data to
analogue voltage levels (see Block Diagram). The output voltage is determined by the reference input
voltage and the input code according to the following relationship:
Output voltage =
( )
4096
CODE
V
2
REF
INPUT
OUTPUT
1111
1111
1111
( )
4096
4095
V
2
REF
:
:
1000
0000
0001
( )
4096
2049
V
2
REF
1000
0000
0000
( )
REF
REF
V
4096
2048
V
2
=
0111
1111
1111
( )
4096
2047
V
2
REF
:
:
0000
0000
0001
( )
4096
1
V
2
REF
0000
0000
0000
0V
Table 1 Binary Code Table (0V to 2VREF Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC register to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive a 2k
Ω
load with a 100pF load capacitance.
HARDWARE CONFIGURATION OPTIONS
The WM2639 has one configuration option that is controlled by a device pin.
DAC UPDATE
The NLDAC pin (Pin 16) can be held high to prevent word writes from updating the DAC latch. By writing
the new value to the DAC then pulling NLDAC low, the new DAC code is loaded into the DAC latch.
PARALLEL INTERFACE
The device registers data on the positive edge of NWE (Pin 17). It must be enabled with NCS (Pin 18)
low. Whether the data is written to the DAC holding latch or the control register, depends on the state of
input pin REG (Pin 15). REG = 0 selects the DAC holding latch, REG = 1 selects the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com