Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2639 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM2639
Description  12-Bit Parallel Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2639 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM2639 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
WM2639
Production Data
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 July 1999
4
ELECTRICAL CHARACTERISTICS
Test Conditions:
RL = 10k
Ω, C
L = 100pF. VDD = 5V
±± 10%, V
REF = 2.048V and VDD = 3V
±± 10%, V
REF = 1.024V over recommended operating free-air
temperature range (unless noted otherwise)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static DAC Specifications
Resolution
12
bits
Integral non-linearity
INL
See Note 1
±±1.2
±±3
LSB
Differential non-linearity
DNL
See Note 2
±±0.3
±±0.5
LSB
Zero code error
ZCE
See Note 3
3
±±20
mV
Gain error
GE
See Note 4
±±0.3
% FSR
d.c. power supply rejection ratio
DC PSRR
See Note 5
0.5
mV/V
Zero code error temperature coefficient
See Note 6
20
ppm/
°C
Gain error temperature coefficient
See Note 6
20
ppm/
°C
DAC Output Specifications
Output voltage range
0
VDD - 0.4
V
Output load regulation
2k
Ω to 10kΩ load
See Note 7
0.1
0.3
%
Power Supplies
Active supply current
IDD
No load, VIH = VDD, VIL = 0V
VDD = 5V, VREF = 2.048V,
Internal
Slow
Fast
VDD = 5V, VREF = 2.048V,
External
Slow
Fast
VDD = 3V, VREF = 1.024V,
Internal
Slow
Fast
VDD = 3V, VREF = 1.024V,
External
Slow
Fast
See Note 8
1.3
2.3
0.9
1.9
1.2
2.1
0.9
1.8
1.6
2.8
1.2
2.4
1.5
2.6
1.1
2.3
mA
mA
mA
mA
mA
mA
mA
mA
Power down supply current
No load,
all inputs 0V or VDD
See Note 9
0.01
1
µA
Dynamic DAC Specifications
Slew rate
DAC code 32-4095,
10%-90%
Slow
Fast
See Note 10
1.2
6.0
1.7
10
V/
µs
V/
µs
Settling time
DAC code 32-4095
Slow
Fast
See Note 11
3.5
1
µs
µs
Glitch energy
Code 2047 to 2048
5
nV-s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com