Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2639 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2639
Description  12-Bit Parallel Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2639 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2639 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WM2639
Production Data
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 July 1999
2
PIN CONFIGURATION
NCS
9
10
D10
D11
12
11
REF
VDD
20
13
14
15
16
17
18
19
D1
AGND
REG
NLDAC
NWE
D0
OUT
8
1
2
3
4
5
6
7
D9
D3
D4
D5
D6
D7
D8
D2
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
D2
Digital input
Data input.
2
D3
Digital input
Data input.
3
D4
Digital input
Data input.
4
D5
Digital input
Data input.
5
D6
Digital input
Data input.
6
D7
Digital input
Data input.
7
D8
Digital input
Data input.
8
D9
Digital input
Data input.
9
D10
Digital input
Data input.
10
D11
Digital input
Data input.(MSB)
11
VDD
Supply
Positive power supply.
12
REF
Analogue I/O
Analogue reference voltage input/output.
13
OUT
Analogue output
DAC analogue voltage output.
14
AGND
Supply
Analogue Ground.
15
REG
Digital input
Register select. Digital input used to access control register.
16
NLDAC
Digital input
Load DAC. Digital input active low. NLDAC must be taken low to update
the DAC latch from the holding latches.
17
NWE
Digital input
Write enable. Digital input active low.
18
NCS
Digital input
Chip select. Digital input active low.
19
D0
Digital input
Data input. (LSB)
20
D1
Digital input
Data input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com