Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69012 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # PD69012
Description  12 Ports Power Over Ethernet Manager
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69012 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button PD69012 Datasheet HTML 8Page - Microsemi Corporation PD69012 Datasheet HTML 9Page - Microsemi Corporation PD69012 Datasheet HTML 10Page - Microsemi Corporation PD69012 Datasheet HTML 11Page - Microsemi Corporation PD69012 Datasheet HTML 12Page - Microsemi Corporation PD69012 Datasheet HTML 13Page - Microsemi Corporation PD69012 Datasheet HTML 14Page - Microsemi Corporation PD69012 Datasheet HTML 15Page - Microsemi Corporation PD69012 Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
PD69012 - 12 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
Page 12
Copyright
© 2009
Rev. 1.0, 2009-03-03
Pin Description_____________________________________________
Pin
Pin Name
Pin Type
Description
0
PAD
Gnd
Exposed pad connected to underside of die
1
VPORT_POS0
Analog I/O
Port 0 positive input
2
VPORT_POS1
Analog I/O
Port 1 positive input
3
VPORT_POS2
Analog I/O
Port 2 positive input
4
VPORT_POS3
Analog I/O
Port 3 positive input
5
VPORT_POS4
Analog I/O
Port 4 positive input
6
VPORT_POS5
Analog I/O
Port 5 positive input
7
VPORT_POS6
Analog I/O
Port 6 positive input
8
VPORT_POS7
Analog I/O
Port 7 positive input
9
VPORT_POS8
Analog I/O
Port 8 positive input
10
VPORT_POS9
Analog I/O
Port 9 positive input
11
VPORT_POS10
Analog I/O
Port 10 positive input
12
VPORT_POS11
Analog I/O
Port 11 positive input
13
CP_OUT
Analog I/O
Charge pump output pulse
14
CP_IN
Supply
Charge pump input
15
VMAIN
Supply
Main Voltage supply
16
REF_PORT_NEG
Analog I/O
Port negative reference
17
DGND2
GND
Digital ground
18
POWER_GOOD0 MULTIPLEXED WITH
GPIO_0
Digital I/O
Power supply monitoring multiplexed with general purpose
I/O
19
POWER_GOOD1 MULTIPLEXED WITH
GPIO_1
Digital I/O
Power supply monitoring multiplexed with general purpose
I/O
20
POWER_GOOD2 MULTIPLEXED WITH
GPIO_4
Digital I/O
Power supply monitoring multiplexed with general purpose
I/O
21
AGND1
GND
Analog ground
22
VPORT_NEG6
Analog I/O
Port 6 negative voltage feeding
23
PORT_SENSE6
Analog I/O
Channel current monitoring
24
FET_G6
Analog I/O
Port 6 – Gate control
25
FET_G7
Analog I/O
Port 7 – Gate control
26
PORT_SENSE7
Analog I/O
Channel current monitoring
27
VPORT_NEG7
Analog I/O
Port 7 negative voltage feeding
28
VPORT_NEG8
Analog I/O
Port 8 negative voltage feeding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com