Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69012 Datasheet(PDF) 17 Page - Microsemi Corporation

Part # PD69012
Description  12 Ports Power Over Ethernet Manager
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69012 Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button PD69012 Datasheet HTML 10Page - Microsemi Corporation PD69012 Datasheet HTML 11Page - Microsemi Corporation PD69012 Datasheet HTML 12Page - Microsemi Corporation PD69012 Datasheet HTML 13Page - Microsemi Corporation PD69012 Datasheet HTML 14Page - Microsemi Corporation PD69012 Datasheet HTML 15Page - Microsemi Corporation PD69012 Datasheet HTML 16Page - Microsemi Corporation PD69012 Datasheet HTML 17Page - Microsemi Corporation PD69012 Datasheet HTML 18Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
PD69012 - 12 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
Page 17
Copyright
© 2009
Rev. 1.0, 2009-03-03
MISO
SCK
CS0
EEPROM_ CS
MOSI
R1
R2
R3
R4
Ext_ Reg
ASIC_ INI
I2C_ INI
Reset
SDA
SCL
Disable_ Ports_N
47 nF
46 .4K
0.5 R
Vport_ Pos0
Vport_ Neg0
FET_ gate
Vport_ Sense
Vport_ Neg
Vport_ Sense
Vport_ Neg 11
Vperi 3.3v
Sense_ Neg
ADC2 P5
SPI Communication
Bus
SDA_ OUT
x12
x12
Vport_Neg
I
2C Co mmunication Bus
Iref
Ref
Port Neg
CP_ OUT
CP_ IN
Vmain :44 ÷57 v
V main
VCC2 P5
PG1
PG2
PG 0
Power Good
Signals
To Power Supplies
Interupt_ Out
LSC
LSD
LED Driving
Vport_ Pos
Vport_ Pos
Vport_Pos 11
Vp eri 3 .3 v
Add if line
is not in use
Fuse
Figure 5: Basic Application with DC Disconnect Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com