Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69012 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # PD69012
Description  12 Ports Power Over Ethernet Manager
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69012 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button PD69012 Datasheet HTML 9Page - Microsemi Corporation PD69012 Datasheet HTML 10Page - Microsemi Corporation PD69012 Datasheet HTML 11Page - Microsemi Corporation PD69012 Datasheet HTML 12Page - Microsemi Corporation PD69012 Datasheet HTML 13Page - Microsemi Corporation PD69012 Datasheet HTML 14Page - Microsemi Corporation PD69012 Datasheet HTML 15Page - Microsemi Corporation PD69012 Datasheet HTML 16Page - Microsemi Corporation PD69012 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PD69012 - 12 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
Page 13
Copyright
© 2009
Rev. 1.0, 2009-03-03
Pin
Pin Name
Pin Type
Description
29
PORT_SENSE8
Analog I/O
Channel current monitoring
30
FET_G8
Analog I/O
Port 8 – Gate control
31
FET_G9
Analog I/O
Port 9 – Gate control
32
PORT_SENSE9
Analog I/O
Channel current monitoring
33
VPORT_NEG9
Analog I/O
Port 9 negative voltage feeding
34
VPORT_NEG10
Analog I/O
Port 10 negative voltage feeding
35
PORT_SENSE10
Analog I/O
Channel current monitoring
36
FET_G10
Analog I/O
Port 10 – Gate control
37
FET_G11
Analog I/O
Port 11 – Gate control
38
PORT_SENSE11
Analog I/O
Channel current monitoring
39
VPORT_NEG11
Analog I/O
Port 11 negative voltage feeding
40
DGND1
GND
Digital ground
41
DISABLE_PORTS_N
Digital Input
Disable All Ports Power – Active Low
42
CS_N
Digital I/O
SPI bus, Chip Select
43
MISO
Digital I/O
SPI bus, Master Data in/slave out
44
MOSI
Digital I/O
SPI bus, Master Data out/slave in
45
SCK
Digital I/O
SPI bus, Serial clock I/O
46
SCL
Digital Input
I2C bus, Serial Clock Input
47
SDA_OUT MULTIPLEXED WITH
TEST_MODE
Digital I/O
Third pin in I2C protocol
Test Mode Pin – Must be tied to VPERI with pull-up
resistor if not used
48
SDA
Digital I/O
I2C bus, open drain
49
RESET_N
Digital I/O
Active Low Reset I/O
50
IREF
Analog I/O
Current reference
51
ASICINI
Analog Input
Analog input for chip initialization
52
VCC2P5
Internal Regulator Internal 2.5 v source – not to be used for external devices
53
I2CINI
Analog Input
Analog input for I2C initialization
54
QGND
GND
Quiet analog ground
55
ADC2P5
Internal reference ADC reference – not to be used for external devices
56
EXT_REG
Analog Out
External regulation
57
VPERI
Analog Out
Regulated 3.3 v output voltage source for external devices
58
CS_EEPROM_N & LSL MULTIPLEXED
WITH INTERRUPT_N
Digital Output
Open drain
SPI bus, EEPROM Chip Select & Led Stream Latch (if set)
Multiplexed with interrupt out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com