Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8143-10CFT/V Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8143-10CFT/V
Description  10-bit/6MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-10CFT/V Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8143-10CFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Production Data
WM8143-10
Wolfson Microelectronics
PD.Rev 3f June 98
11
MCLK
1
X
X
0
0
X
X
X
Input video
VSMP
RLC
r,g,b
r,g,b
RLC on this pixel
No RLC on this pixel
r,g,b
Figure 7 RLC Timing
Video Sampling Options
The WM8143-10 can interface to CCD sensors using
six basic modes of operation (summarised in Table 3).
Mode configurations are controlled by a combination of
control bits and timing applied to MCLK and VMSP
pins. The default operational mode is mode 1: colour
with CDS enabled.
Colour Mode Definitions (Mode 1)
Figure 9 summarises the timing relationships. MCLK is
applied at twice the required ADC conversion rate.
Synchronisation of sampling and channel multiplexing
to the incoming video signal is performed by the VSMP
pulse (active high). The three input channels (R,G,B)
are sampled in parallel on the rising edge of MCLK
following
a
VSMP
pulse.
The
sampled
data
is
multiplexed into a single data stream at three times the
VSMP rate, passes through the internal pipeline and
emerges on the OP[9:0] bus. Both Correlated Double
Sampling (CDS) and Single Ended Sampling modes of
operation are available.
Monochrome Mode Definitions
One input channel is continuously sampled on the
rising edge of MCLK following a VSMP pulse. The user
can specify which input channel (R,G,B) is to be
sampled by writing to the WM8143-10 internal control
registers. There are four separate monochrome modes
with
different
maximum
sample
rates
and
CDS
availability.
Monochrome Mode (Mode 2)
Figure 10 summarises the timing relationships. The
timing in this mode is identical to mode 1 except that
one input channel is sampled three times (due to the
multiplexer being held in one position) and passes
through the device as three separate samples. The last
two samples can be ignored at the output OP[9:0].
Fast Monochrome Mode (Mode 3)
Figure 11 summarises the timing relationships. This
mode allows the maximum sample rate to be increased
to
4
MSPS.
This
is
achieved
by
altering
the
MCLK:VSMP ratio to 3:1. In this mode, the timing of
RS and CL must be fixed (refer to Table 3). The
sampled video data will pass through the internal
pipeline and emerge on the OP[9:0] bus.
Max. Speed Monochrome Mode (Mode 4)
Figure 12 summarises the timing relationships. This
mode allows the maximum sample rate to be increased
to
6
MSPS.
This
is
achieved
by
altering
the
MCLK:VSMP ratio to 2:1.
The latency through the
device is identical to modes 1 and 2. CDS is not
available in this mode.
Slow Colour Mode (Mode 5)
Figure 13 summarises the timing relationships. This
mode is identical to Mode 1 except that the MCLK to
VSMP ratio is 8 : 1 and the maximum sample rate is
1.5 MSPS. To obtain a ratio of 4:4 between the video
sample position and the reset sample position, Setup
Register 3 CDSREF1-0 control bits b[5:4] should be set
to 10. The first three of the four output words are valid.
Slow Monochrome Mode (Mode 6)
Figure 14 summarises the timing relationships. This
mode is identical to mode 2 except that the MCLK to
VSMP ratio is 8 : 1 and the maximum sample rate is
1.5 MSPS. To obtain a ratio of 4:4 between the video
sample position and the reset sample position, Setup
Register 3 CDSREF 1-0 control bits b[5:4] should be
set to 10. The first of the four output words is the only
valid output.
Input Impedance
The input impedance of the WM8143-10 is dependent
upon the sampling frequency of the input signal and the
gain that the PGA is set to. This is due to the effective
capacitance of the ‘sample and hold’ circuits (Figure 8).
RINP/VMID
PGA
VS/RS
C
VMID
S/H
Figure 8 Input Impedance S/H Circuit
When the VS/RS control is activated the switch closes
and the effective impedance of the input is 1/CF where
the value of C changes from 0.3pF for minimum gain to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com