Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8143-10CFT/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8143-10CFT/V
Description  10-bit/6MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-10CFT/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8143-10CFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Production Data
WM8143-10
Wolfson Microelectronics
PD.Rev 3f June 98
17
Applications Recommendations
Output Data Interface
By default, data is output from the device as a ten-bit
wide word on OP[9:0]. Optionally, data can be output in
an eight-bit word format. Figure 15 shows this function.
Data is presented on pins OP[9:2] at twice pixel rate.
In mode 3, the output is spread over three MCLK
periods. The first two periods contain byte A data and
the third period has byte B data. Either of the two byte
A data periods are valid.
Figure 15 Eight-bit Multiplexed Bus Output
•
A =d9,d8,d7,d6,d5,d4,d3,d2 - First byte
•
B =d1,d0,X,X,PNS,CC1,CC0,ORNG - Second byte
•
PNS : This bit shows if the device is configured in
parallel or serial mode. 1 = Parallel, 0 = Serial.
•
CC1/CC0 : These bits show which channel the
current output was taken from. 00 = RED, 01 =
GREEN, 10 = BLUE.
•
ORNG : This bit indicates if the current output pixel
has exceeded the maximum or minimum range
during processing. 1 = out of range, 0 = within range.
•
X: This is an invalid output.
Control Interface Selection
WM8143-10 can be controlled via a serial or parallel
interface. The decision on which interface is to be used
is made on the sense of the SEN/STB pin on the rising
edge of the NRESET signal.
SEN/STB
CONDITION
MODE
0
NRESET rising edge
Serial Interface
1
NRESET rising edge
Parallel Interface
Table 4 WM8143-10 Interface Set-up
It is expected that this would be achieved on system
power-up by attaching a simple RC network to the
NRESET pin. The RC network should delay the set-up
on the NRESET pin until the other conditions have
been established. This feature is only activated on a
hardware reset (using the NRESET pin). The software
reset does not sample SEN/STB.
Controlling the WM8143-10
The WM8143-10 can be configured through a serial
interface or a parallel interface. Selection of the
interface type is by the SEN/STB pin which must be
tied high (parallel) or low (serial) as shown in Table 4.
Serial Interface
The serial interface consists of three pins (refer to
Figure 16). A six-bit address is clocked in MSB first
followed by an eight-bit data word, also MSB first. Each
bit is latched on the rising edge of SCK. Once the data
has been shifted into the device, a pulse is applied to
SEN to transfer the data to the appropriate internal
register.
Parallel Interface
The parallel interface uses bits [9:2] of the OP bus as
well as the STB, DNA and RNW pins (refer to Figure
17). Pin RNW must be low during a write operation.
The DNA pin defines whether the data byte is address
(low) or data (high). The data bus OP[9:2] is latched in
during the low period of STB.
Internal Register Definition
Table 5 summarises the internal register content. The
first 5 addresses in the table are used to program setup
registers and to provide a software reset feature (00H
is reserved). The remaining 3 entries in the table define
the address location of internal data registers. In each
case, a further three sub-addresses are defined for the
red, green and blue register. Selection between the red,
green and blue registers is performed by address bits
a1 and a0, as defined in the table. Setting both a1 and
a0 equal to 1 forces all three registers to be updated to
the same data value. Blank entries in Table 5 should be
programmed to zero.
a4
a5
a3
a2 a1
a0 b7
b6
b5
b4
b3 b2
b1 b0
SCK
SDI
SEN
Data Word
Address
Figure 16 Serial Interface Timing
A
B
MCLK
OP[9:2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com