Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8143-10CFT/V Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8143-10CFT/V
Description  10-bit/6MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-10CFT/V Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8143-10CFT/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
WM8143-10
Production Data
Wolfson Microelectronics
PD Rev 3f June 98
2
Pin Configuration
Ordering Information
DEVICE
TEMP. RANGE
PACKAGE
WM8143-10CFT/V
0 - 70
oC
32 Pin TQFP
25
32
31
30
29
28
27
26
SCK/RNW
nc
nc
DGND
MCLK
VSMP
RLC
DVDD
16
9
10
11
12
13
14
15
VRT
OP[9]
NRESET
AVDD
AGND
VRU
VRB
OP[8]
WM8143-10
Absolute Maximum Ratings
Analogue Supply Voltage .......... AGND - 0.3V, AGND +7V
Digital Supply Voltage ...............DGND - 0.3V, DGND +7V
Digital Inputs .......................... DGND - 0.3V, DVDD +0.3V
Digital Outputs ....................... DGND - 0.3V, DVDD +0.3V
Reference Inputs ....................AGND - 0.3V, AVDD +0.3V
RINP, GINP, BINP..................AGND - 0.3 V, AVDD +0.3V
Operating Temperature Range, TA .......... 0
°C to +70°C
Storage Temperature.......................... -50
°C to +150°C
Lead Temperature (soldering 10 seconds) ....... +260
°C
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are
given under Electrical Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically
susceptible to damage from excessive static voltages. Proper ESD precautions must be taken during
handling and storage of this device.
As per JEDEC specifications A112-A and A113-A, this product requires specific storage conditions
prior to surface mount assembly. It has been classified as having a Moisture Sensitivity Level of 2
and as such will be supplied in vacuum-sealed moisture barrier bags.
Recommended Operating Conditions
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
AVDD, DVDD
4.75
5.25
V
Operating Temperature Range
TA
0
70
o
C
Input Common Mode Range
VCMR
0.5
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com