Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X2 Datasheet(PDF) 2 Page - Rohm

Part # MP6X2
Description  Medium Power Transistor (32V, 2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X2 Datasheet(HTML) 2 Page - Rohm

  MP6X2 Datasheet HTML 1Page - Rohm MP6X2 Datasheet HTML 2Page - Rohm MP6X2 Datasheet HTML 3Page - Rohm MP6X2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MP6X2
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
Collector-emitter breakdown voltage
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current gain
Collector-emitter saturation voltage
Collector output capacitance
Parameter
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
32
40
5
−
−
120
−
−
−
−
−
−
−
−
−
500
100
30
−
−
−
1.0
1.0
390
800
−
−
VIC=1mA
IC=50
µA
IE=50
µA
VCB=20V
VEB=4V
IC/IB=2.0A/200mA
VCE=5V, IE=
−500mA, f=100MHz
VCE=3V, IC=500mA
VCB=10V, IE=0A, f=1MHz
V
V
µA
µA
−
mV
MHz
pF
Typ.
Max.
Unit
Conditions
<Tr1, Tr2>
∗
∗
∗ Pulsed
Transition frequency
Electrical characteristics curves
COLLECTOR CURRENT : IC (mA)
Fig.5 Collector-emitter saturation
voltage vs. collector current (
Ι)
500
20
200
100
50
5
10 20
50 100 200
500 1A 2A
Ta
=25°C
10
20
IC/IB
=50
COLLECTOR CURRENT : IC
(mA)
Fig.3 DC current gain vs. collector
current (
Ι )
5
500
10
20
50 100 200
500 1A 2A
200
100
50
20
Ta
=25°C
VCE
=3V
1V
Fig.6 Collector-Enitter Saturation
Voltage vs. Collector Current (Ⅱ)
COLLECTOR CURRENT:Ic(A)
0.01
0.1
1
0.001
0.01
0.1
1
10
IC/IB=10
Ta=100℃
    25℃
   -40℃
0.001
0.01
0.1
1
10
0
0.5
1
1.5
VCE=3V
Ta=100℃
    25℃
   -40℃
BASE TO EMITTER VOLTAGE:VBE(V)
Fig.1 Grounded Emitter Propagation Characteristics
Fig.2 Ground Emitter Output Caracteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0
0.511.5
2
I
B=0mA
0.4mA
0.6mA
0.8mA
1.0mA
1.2mA
1.4mA
1.6mA
1.8mA
2.0mA
0.2mA
Ta=25℃
COLLECTOR TO EMITTER VOLTAGE:VCE(V)
Fig.4 DC Current Gain vs. Collector Current (Ⅱ)
10
100
1000
0.001
0.01
0.1
1
10
Ta=100℃
    25℃
   -40℃
VCE=3V
COLLECTOR CURRENT:Ic(A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com