Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X2 Datasheet(PDF) 1 Page - Rohm

Part # MP6X2
Description  Medium Power Transistor (32V, 2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X2 Datasheet(HTML) 1 Page - Rohm

  MP6X2 Datasheet HTML 1Page - Rohm MP6X2 Datasheet HTML 2Page - Rohm MP6X2 Datasheet HTML 3Page - Rohm MP6X2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MP6X2
Transistors
Rev.A
1/3
Medium Power Transistor (32V, 2A)
MP6X2
Application
Low frequency amplifier
Features
1) Low VCE(sat), VCE(sat)= 0.5V(Typ.)
(IC/ IB = 2A / 0.2A)
2) Contain two 2SD1766-dies in a package.
Structure
NPN silicon epitaxial planar transistor
Dimensions (Unit : mm)
MPT6
(6)
(5)
(4)
(1)
(2)
(3)
Packaging specifications
Inner circuit
Package
Code
TR
1000
Taping
Basic ordering unit (pieces)
MP6X2
Type
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Range of storage temperature
Power dissipation
∗1 Pw=10ms 1Pulse
∗2 Mounted on a ceramic board
Parameter
Symbol
Limits
Unit
VCBO
40
V
VCEO
32
V
VEBO
5V
IC
ICP
2.0
A
2.5
A
∗1
Tj
150
°C
Tstg
−55 to +150
°C
PD
2.0
1.4
∗2
Continuous
Pulsed
W / TOTAL
W / ELEMENT
<Tr1, Tr2>
(1)
(1) EMITTER<Tr1>
(2) BASE<Tr1>
(3) COLLECTOR<Tr2>
(4) EMITTER<Tr2>
(5) BASE<Tr2>
(6) COLLECTOR<Tr1>
(2)
(3)
(6)
(5)
(4)
<Tr1>
<Tr2>


Similar Part No. - MP6X2

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
Midium Power Transistors (30V / 1A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
Midium Power Transistors (50V / 1A)
MP6X13 ROHM-MP6X13 Datasheet
422Kb / 6P
Midium Power Transistors (50V / 3A)
MP6X3 ROHM-MP6X3 Datasheet
120Kb / 4P
Medium Power Transistor (60V, 3A)
More results

Similar Description - MP6X2

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1188 ROHM-2SB1188_09 Datasheet
180Kb / 4P
Medium power transistor (-32V, -2A)
2SD1766 ROHM-2SD1766_09 Datasheet
176Kb / 4P
Medium power transistor (32V, 2A)
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
Medium Power Transistor (32V, 2A)
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
Medium power transistor (-32V, -2A)
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
Medium power transistor (32V, 2A)
logo
Littelfuse
2SD1758TLR LITTELFUSE-2SD1758TLR Datasheet
111Kb / 3P
Medium power transistor (32V, 2A)
logo
Rohm
2SB1182TLR ROHM-2SB1182TLR Datasheet
116Kb / 4P
Medium power transistor (32V,2A)
2SB1188T100Q ROHM-2SB1188T100Q Datasheet
180Kb / 4P
Medium power transistor (32V, 2A)
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
Medium power transistor(-32V,-2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com