Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X2 Datasheet(PDF) 3 Page - Rohm

Part # MP6X2
Description  Medium Power Transistor (32V, 2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X2 Datasheet(HTML) 3 Page - Rohm

  MP6X2 Datasheet HTML 1Page - Rohm MP6X2 Datasheet HTML 2Page - Rohm MP6X2 Datasheet HTML 3Page - Rohm MP6X2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MP6X2
Transistors
Rev.A
3/3
COLLECTOR CURRENT : IC (mA)
Fig.7 Collector-emitter saturation
voltage vs. collector current
5
1
2
0.2
0.5
0.1
10 20
50 100 200
500 1A 2A
Ta
=25°C
IC/IB
=10
EMITTER CURRENT : IE (mA)
Fig.8 Transition frequency vs. emitter
current
−2
−1
200
−5 −10 −20 −50 −100−200 −500 −1A
500
1000
100
50
20
Ta
=25°C
VCE
=5V
0.5
200
10
500
1000
100
20
50
12
5
10
20
Ta
=25°C
f
=1MHz
IE
=0A
IC
=0A
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE
: VEB (V)
Fig.9 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Cib
Cob
0.01
0.1
1
10
0.001
0.1
10
1000
Pulse width : Pw(s)
Fig.10 Normalized thermal resistance
(Element)
Ta=25℃
0.01
0.1
1
10
0.1
1
10
100
COLLECTOR TO EMITTER VOLTAGE
: VCE (V)
1ms
10ms
100ms
Ta=25℃
Single Pulse
Fig.11 Safe operating area
DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com