Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X3 Datasheet(PDF) 2 Page - Rohm

Part # MP6X3
Description  Medium Power Transistor (60V, 3A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X3 Datasheet(HTML) 2 Page - Rohm

  MP6X3 Datasheet HTML 1Page - Rohm MP6X3 Datasheet HTML 2Page - Rohm MP6X3 Datasheet HTML 3Page - Rohm MP6X3 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MP6X3
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
Parameter
Collector-Emitter breakdown voltage
Collector-base breakdown voltage
<Tr1, Tr2>
Emitter-base breakdown voltage
Collector cut off current
Emitter cut off current
DC current gain
Collector-emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
60
60
6
−
−
120
−
−
−
−
−
−
−
−
−
200
200
20
−
−
−
1.0
1.0
390
500
∗1
∗1
∗2
∗2
∗2
−
−
V
IC
= 1mA
IC
= 100µA
IE
= 100µA
VCB
= 40V
VEB
= 4V
VCE
= 2V, IC= 100mA
IC/IB
= 2.0A/200mA
VCE
= 10V, IE= −100mA, f=10MHz
VCB
= 10V, IE=0A, f=1MHz
V
V
µA
µA
−
mV
MHz
pF
Turn-on time
Storage time
Fall time
ton
tstg
tf
−
−
−
50
150
30
−
−
−
IC
= 3V
IB1
= 300mA
IB2
= −300mA
VCC
−25V
ns
ns
ns
Typ.
Max.
Unit
Conditions
∗1 Pulsed
∗2 See switching time test circuit
∼−
Electrical characteristics curves
VCE
=2V
0.01
0.1
10
1
BASE TO EMITTER VOLTAGE : VBE
(V)
0
0.5
1
1.5
2
Fig.1 Ground emitter propagation
characteristics
Ta
=100°C
Ta
=125°C
Ta
=25°C
Ta
= −40°C
0.001
0.01
0.1
10
1
1
10
100
1000
COLLECTOR CURRENT : IC (A)
VCE
=5V
VCE
=3V
VCE
=2V
Fig.3 DC current gain vs. collector
current
Ta
=25°C
Fig.4 DC current gain vs. collector
current
COLLECTOR CURRENT : IC (A)
0.001
0.01
0.1
10
1
1
10
100
1000
Ta
=125°C
Ta
=100°C
Ta
=25°C
Ta
= −40°C
VCE
=2V
0.001
0.1
0.01
10
1
0.01
0.1
1
10
COLLECTOR CURRENT : IC
(A)
Fig.5 Collector-emitter saturation voltage
vs. collector current
IC/IB
=10/1
IC/IB
=20/1
Ta
=25°C
0.001
0.01
0.1
0.01
0.1
1
10
COLLECTOR CURRENT : IC
(A)
10
1
Fig.6 Collector-emitter saturation voltage
vs. Collector Current
IC/IB
=10/1
Ta
=125°C
Ta
=100°C
Ta
=25°C
Ta
= −40°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.5
1.0
1.5
2.0
IB=1mA
IB=2mA
IB=3mA
IB=4mA
IB=5mA
IB=6mA
IB=7mA
IB=8mA
IB=9mA
IB=10mA
COLLECTOR TO EMITTER VOLTAGE:VCE(V)
Ta=25℃
Fig.2 Grounded emitter output characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com