Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X3 Datasheet(PDF) 3 Page - Rohm

Part # MP6X3
Description  Medium Power Transistor (60V, 3A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X3 Datasheet(HTML) 3 Page - Rohm

  MP6X3 Datasheet HTML 1Page - Rohm MP6X3 Datasheet HTML 2Page - Rohm MP6X3 Datasheet HTML 3Page - Rohm MP6X3 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MP6X3
Transistors
Rev.A
3/3
COLLECTOR CURRENT : IC (A)
Fig.7 Base-emitter saturation voltage
vs. collector current
0.001
0.01
0.1
10
1
10
1
0.1
Ta
=100°C
Ta
=125°C
IC/IB
=10/1
Ta
=25°C
Ta
= −40°C
1000
EMITTER CURRENT : IE
(A)
−10
−1
−0.1
−0.01
−0.001
100
10
1
Fig.8 Transition frequency
Ta
=25°C
VCE
=10V
100
COLLECTOR TO BASE VOLTAGE : VCB
(V)
100
10
1
0.1
10
1
Fig.9 Collector output capacitance
Ta
=25°C
f
=1MHz
Fig.10 Switching Time
1
0.01
0.1
10
1000
100
10
COLLECTOR CURRENT : IC (A)
Ta
=25°C
VCC
=25V
IC/IB
=10/1
tstg
tf
ton
Switching characteristics measurement circuits
Collector current
waveform
Base current
waveform
IB1
IB2
VIN
PW
IC
RL=8.3
Ω
VCC
25V
PW
50 S
Duty cycle
1%
IB1
90%
10%
IB2
IC
ton
tstg
tf
0.01
0.1
1
10
0.001
0.1
10
1000
Pulse width : Pw(s)
Ta=25℃
Fig.11 Normalized thermal resistance
(Element)
0.01
0.1
1
10
0.1
1
10
100
COLLECTOR TO EMITTER VOLTAGE
: VCE (V)
1ms
10ms
100ms
Ta=25℃
Single Pulse
Fig.12 Safe operating area
(Tr1&Tr2)
DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com