Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X3 Datasheet(PDF) 1 Page - Rohm

Part # MP6X3
Description  Medium Power Transistor (60V, 3A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X3 Datasheet(HTML) 1 Page - Rohm

  MP6X3 Datasheet HTML 1Page - Rohm MP6X3 Datasheet HTML 2Page - Rohm MP6X3 Datasheet HTML 3Page - Rohm MP6X3 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MP6X3
Transistors
Rev.A
1/3
Medium Power Transistor (60V, 3A)
MP6X3
Application
Low frequency amplifier
High speed switching
Features
1) High speed switching. (tf : Typ. : 30ns at IC=3A)
2) Low saturation voltage, typically
(Typ. : 200mV at IC=2A, IB=200mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Contain two 2SC5824-dies in a package.
Structure
NPN silicon epitaxial planar transistor
Dimensions (Unit : mm)
MPT6
(6)
(5)
(4)
(1)
(2)
(3)
Packaging specifications
Inner circuit
Package
Code
TR
1000
Taping
Basic ordering unit (pieces)
MP6X3
Type
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Range of storage temperature
Power dissipation
∗1 Pw=10ms 1Pulse
∗2 Mounted on a ceramic board
Parameter
Symbol
Limits
Unit
VCBO
60
V
VCEO
60
V
VEBO
6V
IC
ICP
3
A
6A
∗1
Tj
150
°C
Tstg
−55 to +150
°C
PD
2.0
1.4
∗2
Continuous
Pulsed
W / TOTAL
W / ELEMENT
<Tr1, Tr2>
(1)
(1) EMITTER<Tr1>
(2) BASE<Tr1>
(3) COLLECTOR<Tr2>
(4) EMITTER<Tr2>
(5) BASE<Tr2>
(6) COLLECTOR<Tr1>
(2)
(3)
(6)
(5)
(4)
<Tr1>
<Tr2>


Similar Part No. - MP6X3

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
Midium Power Transistors (30V / 1A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
Midium Power Transistors (50V / 1A)
MP6X13 ROHM-MP6X13 Datasheet
422Kb / 6P
Midium Power Transistors (50V / 3A)
MP6X2 ROHM-MP6X2 Datasheet
118Kb / 4P
Medium Power Transistor (32V, 2A)
More results

Similar Description - MP6X3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1184 ROHM-2SB1184 Datasheet
129Kb / 3P
Power Transistor (-60V, -3A)
2SC5824 ROHM-2SC5824 Datasheet
46Kb / 4P
Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825 Datasheet
46Kb / 4P
Power transistor (60V, 3A)
2SA2071 ROHM-2SA2071 Datasheet
44Kb / 4P
Power transistor (-60V, -3A)
2SC5824 ROHM-2SC5824_1 Datasheet
135Kb / 4P
Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825_07 Datasheet
99Kb / 4P
Power transistor (60V, 3A)
2SB1184 ROHM-2SB1184_10 Datasheet
172Kb / 4P
Power Transistor (-60V, -3A)
MP6Z3 ROHM-MP6Z3 Datasheet
124Kb / 7P
Medium Power Transistor (60V, 3A)
2SC5826 ROHM-2SC5826_11 Datasheet
939Kb / 4P
Power transistor (60V, 3A)
logo
Nanjing International G...
KTB1124 DGNJDZ-KTB1124 Datasheet
608Kb / 4P
Medium power transistor(-60V,-3A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com