Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z1 Datasheet(PDF) 3 Page - Rohm

Part # MP6Z1
Description  Medium Power Transistor (-32V, -1A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z1 Datasheet(HTML) 3 Page - Rohm

  MP6Z1 Datasheet HTML 1Page - Rohm MP6Z1 Datasheet HTML 2Page - Rohm MP6Z1 Datasheet HTML 3Page - Rohm MP6Z1 Datasheet HTML 4Page - Rohm MP6Z1 Datasheet HTML 5Page - Rohm MP6Z1 Datasheet HTML 6Page - Rohm MP6Z1 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/6
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.B
Data Sheet
MP6Z1
Electrical characteristics curves
<Tr1>
Fig.1
Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE
(V)
0
1
2
5
10
20
50
100
200
500
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCE=
6V
Ta=100
°C
−55°C
25
°C
Fig.2
Grounded emitter output
characteristics
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0
100
200
300
400
500
0.4
0.8
1.2
1.6
2.0
0
Ta=25
°C
0.5mA
IB=0A
1.5mA
3.0mA
3.5mA
1.0mA
2.0mA
2.5mA
4.5mA
4.0mA
Fig.3
DC current gain vs. collector
current (
Ι )
COLLECTOR CURRENT : IC
(mA)
2
1
5
10
20
50 100 200
500 1000
50
100
200
500
1000
2000
Ta=25
°C
VCE=3V
1V
Fig.4 DC current gain vs.
collector current (
ΙΙ)
COLLECTOR CURRENT : IC
(mA)
5
10 20
50 100 200 500 1000
2
200
500
1000
2000
100
50
1
VCE=
3V
Ta=100
°C
25
°C
−55°C
Fig.5
Collector-emitter saturation
voltage vs. collector current (
Ι )
COLLECTOR CURRENT : IC
(mA)
1
1000
0.5
0.01
0.2
0.1
0.02
0.05
2
5
10
20
50 100 200
500
Ta=2
5
°C
20
10
IC/IB=50
Fig.6
Collector-emitter saturation
voltage vs. collector current (
ΙΙ)
COLLECTOR CURRENT : IC
(mA)
2
1
5 10
20
50 100 200 5001000
0.02
0.01
0.05
0.1
0.2
0.5
lC/lB
=10
Ta=100
°C
25
°C
−40°C
Fig.7
Gain bandwidth product vs.
emitter current
EMITTER CURRENT : IE
(mA)
-1
-100
200
20
100
50
-2
-5
-10
-20
-50
Ta=25
°C
VCE
=5V
Fig.8
Collector output capacitance
vs. collector-base voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
0.5
20
5
10
20
50
100
12
5
10
Ta=25
°C
f=1MHz
IE
=0A
0.01
0.1
1
10
0.001
0.1
10
1000
PULSE WIDTH : Pw(s)
Ta=25℃
Fig.9
Normalized thermal resistance (Element)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com