Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z1 Datasheet(PDF) 4 Page - Rohm

Part # MP6Z1
Description  Medium Power Transistor (-32V, -1A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z1 Datasheet(HTML) 4 Page - Rohm

  MP6Z1 Datasheet HTML 1Page - Rohm MP6Z1 Datasheet HTML 2Page - Rohm MP6Z1 Datasheet HTML 3Page - Rohm MP6Z1 Datasheet HTML 4Page - Rohm MP6Z1 Datasheet HTML 5Page - Rohm MP6Z1 Datasheet HTML 6Page - Rohm MP6Z1 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/6
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.B
Data Sheet
MP6Z1
0.01
0.1
1
10
0.1110
100
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
100ms
10ms
1ms
TR1
Fig.10 Safe operating area
DC
Ta=25
SIngle Pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com