Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z1 Datasheet(PDF) 1 Page - Rohm

Part # MP6Z1
Description  Medium Power Transistor (-32V, -1A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z1 Datasheet(HTML) 1 Page - Rohm

  MP6Z1 Datasheet HTML 1Page - Rohm MP6Z1 Datasheet HTML 2Page - Rohm MP6Z1 Datasheet HTML 3Page - Rohm MP6Z1 Datasheet HTML 4Page - Rohm MP6Z1 Datasheet HTML 5Page - Rohm MP6Z1 Datasheet HTML 6Page - Rohm MP6Z1 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/6
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.B
Medium Power Transistor (-32V, -1A)
MP6Z1
Applications
Dimensions (Unit : mm)
Low frequency amplifier
Features
1) Low VCE(sat)
VCE(sat) = -0.2V(Typ.)
(IC / IB = -500mA / -50mA)
2) Contains 2SD1664-die and 2SB1132-die
in a package.
Structure
Silicon epitaxial planar transistor
Packaging specifications
Inner circuit
Package
Code
TR
1000
Taping
Basic ordering unit(pieces)
MP6Z1
Type
Absolute maximum ratings (Ta=25C)
∗1
V
VCBO
40
V
VCEO
32
A
IC
1.0
A
ICP
2.0
W / TOTAL
PD
2.0
W / ELEMENT
1.4
°C
Tj
°C
Tstg
Tr1
−40
−32
−1.0
−2.0
Tr2
Collector-base voltage
Collector-emitter voltage
V
VEBO
5
−5
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Continuous
Pulsed
∗1 Pw=10ms 1Pulse
∗2 Mounted on a ceramic board
∗2
150
−55 to 150
Parameter
Symbol
Limits
Unit
(1)
(1) Emitter <Tr1>
(2) Base <Tr1>
(3) Collector <Tr2>
(4) Emitter <Tr2>
(5) Base <Tr2>
(6) Collector <Tr1>
(2)
(3)
(6)
(5)
(4)
<Tr1>
<Tr2>
MPT6
(6)
(5)
(4)
(1)
(2)
(3)


Similar Part No. - MP6Z1

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6Z11 ROHM-MP6Z11 Datasheet
1Mb / 8P
Midium Power Transistors (짹30V / 짹1A)
MP6Z12 ROHM-MP6Z12 Datasheet
496Kb / 8P
Midium Power Transistors
MP6Z13 ROHM-MP6Z13 Datasheet
1Mb / 8P
Midium Power Transistors
More results

Similar Description - MP6Z1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
2SD1664 ROHM-2SD1664_1 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
2SB1132 ROHM-2SB1132_09 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
2SD1664 ROHM-2SD1664_09 Datasheet
173Kb / 4P
Medium Power Transistor (32V, 1A)
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 1A)
2SA1515S ROHM-2SA1515S_10 Datasheet
149Kb / 4P
Medium Power Transistor (-32V,-1A)
logo
Littelfuse
2SD1664T100Q LITTELFUSE-2SD1664T100Q Datasheet
121Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Rohm
2SB1132T100P ROHM-2SB1132T100P Datasheet
179Kb / 5P
Medium Power Transistor (-32V,??1A)
2SD1664T100R ROHM-2SD1664T100R Datasheet
121Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Nanjing International G...
2SD1664 DGNJDZ-2SD1664 Datasheet
496Kb / 4P
Medium Power Transistor(32V,1A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com