Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z2 Datasheet(PDF) 2 Page - Rohm

Part # MP6Z2
Description  Medium Power Transistor (32V, 2A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z2 Datasheet(HTML) 2 Page - Rohm

  MP6Z2 Datasheet HTML 1Page - Rohm MP6Z2 Datasheet HTML 2Page - Rohm MP6Z2 Datasheet HTML 3Page - Rohm MP6Z2 Datasheet HTML 4Page - Rohm MP6Z2 Datasheet HTML 5Page - Rohm MP6Z2 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MP6Z2
Transistors
Rev.A
2/5
Electrical characteristics (Ta=25 C)
Parameter
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
32
40
5
−
−
120
−
−
−
−
−
−
−
−
500
−
100
30
−
−
−
1.0
1.0
390
800
−
−
VIC
=1mA
IC
=50μA
IE
=50μA
VCB
=20V
VEB
=4V
VCE
=3V, IC=500mA
VCE
=5V, IE=−50mA, f=100MHz
∗
∗
IC
=2A, IB=200mA
VCB
=10V, IE=0A, f=1MHz
V
V
μA
μA
−
mV
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-emitter breakdown voltage
<Tr1>
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-emitter saturation voltage
Transition frequency
Collector output capacitance
∗ Pulsed
Parameter
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−32
−40
−5
−
−
120
−
−
−
−
−
−
−
−
−500
−
100
50
−
−
−
−1.0
−1.0
390
−800
−
−
VIC
= −1mA
IC
= −50μA
IE
= −50μA
VCB
= −20V
VEB
= −4V
VCE
= −3V, IC= −500mA
VCE
= −5V, IE=50mA, f=100MHz
∗
∗
IC
= −2A, IB= −200mA
VCB
= −10V, IE=0A, f=1MHz
V
V
μA
μA
−
mV
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-emitter breakdown voltage
<Tr2>
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-emitter saturation voltage
Transition frequency
Collector output capacitance
∗ Pulsed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com