Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z2 Datasheet(PDF) 3 Page - Rohm

Part # MP6Z2
Description  Medium Power Transistor (32V, 2A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z2 Datasheet(HTML) 3 Page - Rohm

  MP6Z2 Datasheet HTML 1Page - Rohm MP6Z2 Datasheet HTML 2Page - Rohm MP6Z2 Datasheet HTML 3Page - Rohm MP6Z2 Datasheet HTML 4Page - Rohm MP6Z2 Datasheet HTML 5Page - Rohm MP6Z2 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MP6Z2
Transistors
Rev.A
3/5
Electrical characteristics curves
<Tr1>
COLLECTOR CURRENT : IC (mA)
Fig.5 Collector-Emitter Saturation
Voltage vs. Collector Current (
Ι )
500
20
200
100
50
5
10 20
50 100 200
500 1A 2A
Ta
=25°C
10
20
IC/IB
=50
COLLECTOR CURRENT : IC (mA)
Fig.7 Collector-Emitter Saturation
Voltage vs. Collector Current
5
1
2
0.2
0.5
0.1
10 20
50 100 200
500 1A 2A
Ta
=25°C
IC/IB
=10
EMITTER CURRENT : IE (mA)
Fig.8 Transition Frequency vs. Emitter
Current
-2
−1
200
−5 −10 −20 −50 −100−200 −500 −1A
500
1000
100
50
20
Ta
=25°C
VCE
=5V
0.5
200
10
500
1000
100
20
50
12
5
10
20
Ta
=25°C
f
=1MHz
IE
=0A
IC
=0A
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE
: VEB (V)
Fig.9 Collector Output Capacitance vs.
Collector-Base Voltage
Emitter Input Capacitance vs.
Emitter-Base Voltage
Cib
Cob
0.001
0.01
0.1
1
10
00.5
11.5
VCE=3V
Ta=100
25
-40
BASE TO EMITTER VOLTAGE VBE(V)
Fig.1 Grounded Emitter Propagation Characteristics
COLLECTOR CURRENT : IC
(mA)
Fig.3 DC Current Gain vs. Collector
Current (
Ι )
5
500
10
20
50 100 200
500 1A 2A
200
100
50
20
Ta
=25°C
VCE
=3V
1V
Fig.4 DC Current Gain vs. Collector Current (
)
10
100
1000
0.001
0.01
0.1
1
10
V
Ta=100
25
-40
COLLECTOR CURRENT Ic(A)
0.01
0.1
1
0.001
0.01
0.1
1
10
IC/IB=10
Ta=100
25
-40
COLLECTOR CURRENT Ic(A)
Fig.6 Collector-Enitter Saturation
Voltage vs. Collector Current (
)
Fig.2 Ground Emitter Output Caracteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
00.5
1
1.5
2
IB=0mA
0.4mA
0.6mA
0.8mA
1.0mA
1.2mA
1.4mA
1.6mA
1.8mA
2.0mA
0.2mA
Ta=25
COLLECTOR TO EMITTER VOLTAGE VCE(V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com