Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z2 Datasheet(PDF) 4 Page - Rohm

Part # MP6Z2
Description  Medium Power Transistor (32V, 2A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z2 Datasheet(HTML) 4 Page - Rohm

  MP6Z2 Datasheet HTML 1Page - Rohm MP6Z2 Datasheet HTML 2Page - Rohm MP6Z2 Datasheet HTML 3Page - Rohm MP6Z2 Datasheet HTML 4Page - Rohm MP6Z2 Datasheet HTML 5Page - Rohm MP6Z2 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MP6Z2
Transistors
Rev.A
4/5
<Tr2>
Fig.1 Grounded Emitter Propagation
Characteristics
BASE TO EMITTER VOLTAGE : VBE
(V)
0
−0.2
−0.6 −0.8 −1.0 −1.2 −1.4 −1.6 −1.8 −2.0 −2.2
−0.4
−1
−2
−5
−10
−20
−50
−100
−200
−500
−1000
VCE
= −3V
Ta
=100°C
25
°C
−40°C
Fig.2 Grounded Emitter Output
Characteristics
−0.4
0
−0.8
−1.2
−1.6
−2
0
−0.1
−0.2
−0.3
−0.4
−0.5
IB
=0A
−250μA
−500μA
−750μA
−1mA
−1.25mA
−1.5mA
−1.75mA
−2mA
−2.25mA
−2.5mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Ta
=25°C
Fig.3 DC Current Gain vs.
Collector Curren ( )
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
50
20
100
200
500
Ta
=25°C
COLLECTOR CURRENT : IC
(mA)
VCE
= −6V
−3V
−1V
Fig.4 DC Current Gain vs.
Collector Current ( )
50
20
100
200
500
VCE
= −3V
COLLECTOR CURRENT : IC
(mA)
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
Ta
=100°C
25
°C
−25°C
Fig.5 Collector-Emitter Saturation
Voltage vs. Collector Vurrent ( )
COLLECTOR CURRENT : IC
(mA)
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
−50
−100
−200
−500 Ta=25°C
IC/IB
=50
20
10
Fig.6 Collector-Emitter Saturation
Voltage vs. Collector Current ( )
−5 −10 −20
−50 −100
−500 −1000 −2000
−200
−20
−50
−100
−200
−500 lC/lB=10
COLLECTOR CURRENT : IC
(mA)
Ta
=100°C
25
°C
−40°C
Fig.10 Normalized Thermal Resistance
(Element)
Fig.11 Safe Operating Area
Pulse width : Pw(s)
Ta=25
0.01
0.1
1
10
0.1
1
10
100
COLLECTOR TO EMITTER VOLTAGE
: V
CE (V)
1ms
10ms
100m
DC
Ta=25
Single
Pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com