Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9701 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM9701
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM9701 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
WM9701A
Production Data
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
18
GENERAL PURPOSE REGISTER (INDEX 20h)
This register is used to control several miscellaneous functions of the WM9701A.
Below is a summary of each bit and its function. Only the MIX, MS and LPBK bits are supported by
WM9701A. The MS bit controls the Mic selector. The LPBK bit enables loop back of the ADC output
to the DAC input without involving the AC-link, allowing for full system performance measurements.
The function default value is 0000h which is all off.
BIT
FUNCTION
WM9701A
SUPPORT
POP
PCM out path and mute, 0 = pre 3D, 1 = post 3D
No
ST
Simulated stereo enhancement, on/off 1 = on
No
3D
3D stereo enhancement on/off, 1 = on
No
LD
Loudness (bass boost) on/off, 1 = on
No
LLBK
Local loop back - for modem, line Codec
No
RLBK
Remote loop back - for modem, line Codec
No
MIX
Mono output select 0 = Mix, 1 = Mic
Yes
MS
Mic select 0 = Mic1, 1 = Mic2
Yes
LPBK
ADC/DAC/ loop back mode
Yes
Table 7 General Purpose Register Function
3D CONTROL REGISTER (INDEX 22h)
This optional register is used to control the centre and/or depth of the 3D stereo enhancement
function built into of the AC’97 component. This feature is not supported by the WM9701A.
MODEM SAMPLE RATE REGISTER (INDEX 24h)
This register controls what sample rate AC’97 is sending or receiving samples for the optional
Modem in and out. This feature is not supported by WM9701A.
POWER DOWN CONTROL/STATUS REGISTER (INDEX 26h)
This read/write register is used to program power down states and monitor subsystem readiness.
The lower half of this register is read only status, a 1 indicating that the subsection is “ready”. Ready
is defined as the subsection able to perform in its nominal state. When this register is written to the
bit values that come in on AC-link will have no effect on read only bits 0 to 7.
When the AC-link “Codec Ready” indicator bit (SDATA_IN slot 0, bit 15) is a 1 it indicates that the
AC-link and WM9701A control and status registers are in a fully operational state. The AC’97
controller must further probe this power down Control/Status Register to determine exactly which
subsections, if any, are ready.
READ BIT
FUNCTION
MDM
Modem section ready – not supported
REF
VREFs up to nominal level
ANL
Analogue mixers, etc ready
DAC
DAC section ready to accept data
ADC
ADC section ready to transmit data
Table 8 Power Down Status Register Function
The power down modes are as follows. The first three bits are to be used individually rather than in
combination with each other. The last bit PR3 can be used in combination with PR2 or by itself. PR0
and PR1 control the PCM ADCs and DACs only. PR7 independently controls the optional modem
ADC and DAC, not supported by WM9701A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com