Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9701 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM9701
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM9701 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Production Data
WM9701A
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
19
WRITE BIT
FUNCTION
PR0
PCM in ADCs and input Mux power down
PR1
PCM out DACs power down
PR2
Analogue mixer power down (VREF still on)
PR3
Analogue mixer power down (VREF off)
PR4
Digital interface (AC-Link) power down (external clock off)
PR5
Internal clock disable
PR6
HP amp power down - not supported
PR7
Modem ADC/DAC off - not supported
Table 9 Power Down Control Register Function
PR0 = 1
PR1 = 1
PR2 = 1
PR4 = 1
PR0 = 0 AND
ADC = 1
DEFAULT
READY = 1
COLD RESET
WARM
RESET
PR2 = 0 AND
ANL = 1
PR1 = 0 AND
DAC = 1
ADCs OFF
PR0
DACs OFF
PR1
ANALOGUE
OFF PR2 OR
PR3
DIGITAL I/F
OFF PR4
SHUT OFF
CODA LINK
NORMAL
Figure 12 An Example of WM9701A Power Down/Power up Flow
Figure 12 illustrates one example procedure to do a complete power down of WM9701A. From
normal operation sequential writes to the power down Register are performed to power down
WM9701A a piece at a time. After everything has been shut off, a final write (of PR4) can be
executed to shut down the WM9701A’s digital interface (AC-link).
The part will remain in sleep mode with all its registers holding their static values. To wake up
WM9701A, the AC’97 controller will send a pulse on the sync line issuing a warm reset. This will
restart WM9701A’s digital interface (resetting PR4 to 0). WM9701A can also be woken up with a
cold reset. A cold reset will cause a loss of values of the registers, as a cold reset will set them to
their default states. When a section is powered back on, the power down Control/Status register
(index 26h) should be read to verify that the section is ready (i.e. stable) before attempting any
operation that requires it.
Alternatively if RESETB is held low, all PR bits are held set so the device is held powered off until
RESETB is taken high again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com