Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9701 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM9701
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM9701 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
WM9701A
Production Data
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
4
Test Conditions:
AVDD = 5V, GND = 0V, DVDD = 3.3V, GND = 0V, TA = 0
oC to +70oC, unless otherwise stated.
DAC Circuit Specifications 48kHz Sampling
AVDD = 5V
85
96
dB
SNR A-weighted (Note 1)
AVDD = 3.3V
93
dB
VREF = 2.5V
1.0
Vrms
Full scale output voltage
VREF = 1.65V
0.66
Vrms
THD
-3dBFS input
74 (0.2%)
90
dB
Frequency response
20
19,200
Hz
Transition band
19,200
28,800
Hz
Stop band
28,800
Hz
Out of band rejection
-40
dB
Spurious tone reduction
-100
dB
PSRR
20 to 20kHz
46
dB
ADC Circuit Specifications 48kHz Sampling
AVDD = 5V
75
92
dB
SNR A-weighted (Note 1)
AVDD = 3.3V
90
dB
VREF = 2.5V,
AVDD = 5V
1.0
Vrms
ADC input for full scale output
VREF = 1.65V,
AVDD = 3.3V
0.66
Vrms
THD
-6dBV input
74
90
dB
Frequency response
20
19,200
Hz
Transition band
19,200
28,800
Hz
Stop band
28,800
Hz
Stop band rejection
-74 (0.2%)
dB
PSRR
20 to 20kHz
40
dB
Mixer Circuit Specifications 48kHz Sampling
AVDD = 5V
90
95
dB
SNR CD path A-weighted
(Note 1)
AVDD = 3.3V
93
dB
AVDD = 5V
85
95
dB
SNR Other paths A-weighted
(Note 1)
AVDD = 3.3V
93
dB
AVSS
1.0
AVDD
Vrms
Maximum input voltage
0.66
Maximum output voltage on
LINEOUT
1.0
Vrms
THD
0dBV input
-74 (0.2%)
-92
dB
Frequency response (+/-1dB)
20
20,000
Hz
Input impedance (CD inputs)
At any gain
10
15
kohm
At max gain
10
20
kohm
Input impedance (other mixer
inputs)
At 0db gain
100
kohm
At max gain
80
kohm
Input impedance MIC inputs
At 0db gain
10
15
kohm
PSRR
20 to 20kHz
40
dB
Clock Frequency Range
Crystal clock
24.576
MHz
BIT_CLK frequency
12.288
MHz
SYNC frequency
48.0
kHz
Note:
1.
SNR is the ratio of 0dB full scale signal level to output level with no signal present, A-weighted and 20 - 20kHz bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com