Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  4-Channel Surround Sound Codec
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Production Data
WM9704Q
WOLFSON MICROELECTRONICS LTD
PD Rev 2.3 January 2001
15
The following table shows which registers control which DAC rates, versus Mode and ID selected
MODE
ID
FRONT DAC RATE
REGISTER
REAR DAC RATE
REGISTER
ADC RATE
REG
00 and 01
2Ch
10
2Eh
Rev 2.1
mode (00)
11
2Ch (centre) and 30h (LFE)
32h
00 and 01
2Ch
10
2Eh
Rev 2.1 6-
channel
mode (01)
11
2Ch (centre) and 30h (LFE)
32h
00 and 01
2Ch
2Eh
10
2Eh
2Ch
Quad
mode (10)
11
2Ch (centre) and 30h (LFE)
2Eh
32h
Table 4 Variable Rate Register Location Versus Mode and ID
GAIN CONTROL REGISTER LOCATION VERSUS MODE AND ID
Depending on what mode and ID the device is operated in, the various gain control registers have
locations in the register map that may change. For example, if the Codec is configured as ID 10, it
means that the device will be converting the rear surround DAC data. Therefore in this case the
surround DAC volume word written to register 38h is now used to control the master volume control,
rather than the normal master volume 02h.
In addition, in this case when the surround volume mute control is written as de-mute, then mute in
the DAC PGA register 18h is automatically over-ridden, to avoid the user having to make an
unexpected additional write to register 18h to de-mute the DAC PGA.
REV 2.1 MODE (0X)
QUAD MODE (10)
PGA
CODEC
ID
CONTROL
REG
MUTE DEFAULT
CONTROL
REG
MUTE DEFAULT
Front DAC
PGA
0x
10
11
18h
Muted (bit15)
AND with 38h,7,15
AND with 36h,7,15
18h
Muted (bit15)
AND with 38h,7,15
AND with 36h,7,15
Rear DAC
PGA
0x
10
11
70h
Muted (bit15)
and powered off
70h
Not-muted (bit15)
AND with 02h, 15
AND with 38h,7,15
Front Mixer
0x
10
11
72h
Not-muted (bit15)
72h
Not-muted (bit15)
Rear Mixer
0x
10
11
74h
Permanently muted
74h
Not-muted (bit15)
Front
Volume
0x
10
11
02h
38h
36h
Muted (15)
muted (7 and 15)
muted (7 and 15)
02h
38h
36h
Muted (15)
muted (7 and 15)
muted (7 and 15)
Rear
Volume
0x
10
11
04h
Muted (bit15) Rev 2.1
switch enabled
38h
02h
38h
Muted (7 and 15)
muted (15)
muted (7 and 15)
Table 5 Gain Control Register Location Versus Mode and ID
MASTER/SLAVE ID0/1 SUPPORT
WM9704Q supports operation as either a master or a slave codec. Configuration of the device as
either a master or as a slave, is selected by tying the ID pins CID0 and CID1, pins 45 and 46 on the
package.
Fundamentally, a device identified as a master (ID = 00) produces BITCLK as an output, whereas a
slave (any other ID) must be provided with BITCLK as an input. This has the obvious implication that
if the master device on an AC link is disabled, the slave devices cannot function.
The AC’97 Revision 2.1 specification defines that the ID pins have inverting sense, and are provided
with internal weak pull ups. Therefore, if no connections are made to the CID0/1 pins, then the pins
pull hi and an ID = 00 is selected, i.e. master. External connects to ground will select other IDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com