Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  4-Channel Surround Sound Codec
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 35Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Production Data
WM9704Q
WOLFSON MICROELECTRONICS LTD
PD Rev 2.3 January 2001
31
REGISTER 54h – GPIO PIN STATUS
The GPIO status is a read/write register that reflects the state of all GPIO pins (inputs and outputs)
on slot 12. The value of all GPIO pin inputs and outputs comes in from the codec every frame on slot
12, but is also available for reading as GPIO Pin Status via the standard slot 1 and 2 command
address/data protocols. GPIO inputs configured as Sticky are cleared by writing a 0 to the
corresponding bit of this register 54h.
Bits corresponding to unimplemented GPIO pins should be forced to zero in this register and input
slot 12. GPIO bits that have been programmed as Inputs and Sticky, upon transition either (high-to
low) or (low-to-high) depending on pin polarity, will cause the individual GPIO bit to go asserted 1,
and remain asserted until a write of 0 to that bit. The normal way to set the desired value of a GPIO
output pin is to set the control bit in output slot 12.
The default value, if configured as an input, after cold or register reset for this register is always the
state of the GPIO pin.
REGISTER 56h – MISCELLANEOUS MODEM AFE STATUS/CONTROL
Not supported in this mode.
VENDOR RESERVED REGISTERS (INDEX 5Ah AND 7Ah)
These registers are vendor specific. Do not write to these registers unless the Vendor ID register has
been checked first to ensure that the driver knows the source of the AC‘97 component. Values stored
in this register are used to provide vendor specific modes for the manufacturer.
BIT
NAME
DEFAULT
ACTION WHEN SET TO 1
User bits
AND
ADC no DAC
0
Select stereo mix into ADC as having no DAC
signal
R2S
Rev 2.1 switch
0
Closes Rev 2.1 switch when set (see fig 1)
I
2S
I
2S enable
0
Enables I
2S data and clock onto GPIO pins
43,44,48
DLM
Dual line modem
0
Selects support for Line2 DAC and ADC slots
AMD
Automute disable
0
Disables automute function on the front and
rear DACs
Table 22 Vendor Register 5Ah Bit Allocation and Default States
VENDOR SPECIFIC GAIN CONTROL REGISTERS – (INDEX 70h TO 74h)
These three registers control the gain and mute functions applied to the front and rear mixer paths,
and the rear channel DAC gains. These PGAs are not accommodated in the Intel specification, but
are required in order to build a flexible quad surround sound device. The function is as per the other
mixer PGAs. However, the default value of the register changes depending upon the MODE the
device is operating in, as shown in Table 23.
DEFAULT VALUE FOR REGISTER
MODE
REAR DAC –
REG 70H
FRONT MIXER –
REG 72H
REAR MIXER –
REG 74H
REV 2.1
SWITCH
Rev 2.1 (00)
8808
0808
8808
Closed
Rev 2.1 6-channel
(01)
8808
0808
8808
Closed
Quad (10)
8808
0808
0808
Open
Table 23 Vendor Specific PGA Default Values
VENDOR ID REGISTERS (INDEX 7Ch TO 7Eh)
This register is for specific vendor identification if so desired. The ID method is Microsoft’s Plug and
Play Vendor ID code. The first character of that ID is F7 to F0, the second character S7 to S0, and
the third T7 to T0. These three characters are ASCII encoded. The REV7 to REV0 field is for the
Vendor Revision number. In WM9704Q the vendor ID is set to WML3 if MODE1 = 0, and WML4 if
MODE1 = 1.
Wolfson is a registered Microsoft Plug and Play vendor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com