Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  4-Channel Surround Sound Codec
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 35Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
WM9704Q
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 2.3 January 2001
32
SERIAL INTERFACE REGISTER MAP
The following table shows the function and address of the various control bits that are loaded through
the serial interface during write operations.
Reg
Name
D15
D14
D13
D12
D11
D10
D9D8D7D6D5
D4D3D2D1
D0 Default
00h
Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
6140h
02h
Master volume
Mute
X
X
ML4
ML3
ML2
ML1
ML0
X
X
X
MR4
MR3
MR2
MR1
MR0
8000h
04h
Headphone vol.
Mute
X
X
ML4
ML3
ML2
ML1
ML0
X
X
X
MR4
MR3
MR2
MR1
MR0
8000h
06h
Master vol. mono Mute
XXXX
XXXXXX
MM4
MM3
MM2
MM1 MM0
8000h
0Ah
PCBEEP vol.
Mute
XXXX
XXXXXX
PV3
PV2
PV2
PV0
X
8000h
0Ch Phone volume
Mute
XXXX
XXXXXX
GN4
GN3
GN2
GN1
GN0
8008h
0Eh
Mic volume
Mute
XXXX
XXXX
20dB
X
GN4
GN3
GN2
GN1
GN0
8008h
10h
Line in volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
12h
CD volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
14h
Video volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
16h
Aux volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
18h
Frnt PCM out
volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
1Ah
Rec. select
XXXXX
SL2
SL1
SL0
XXX
XX
SR2
SR1
SR0
0000h
1Ch Rec. gain
Mute
X
X
X
GL3
GL2
GL1
GL0
X
X
X
X
GR3
GR2
GR1
GR0
8000h
20h
General purpose POP
ST
3D
lD
X
X
MIX
MS
LPBK
XX
XXXX
X
8000h
22h
3D control
XXXXX
XXXXXX
X
DP3
DP2
DP1
DP0
0000h
24h
Reserved
XXXXX
XXXXXX
XXXX
X
0000h
26h
Pwrdwn ctrl/stat
APD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
X
X
X
X
REF
ANL
DAC
ADC
000Fh
28h
Ext’d audio ID
ID1
ID0
X
X
X
X
Amap
Ldac
Sdac
Cdac
X
X
VRM
X
DRA
VRA
0281h
2Ah
Ext’d audio
ctrl/stat
X
PRL
PRK
PRJ
PRI
X
Madc
Ldac
Sdac
Cdac
X
X
VRM
X
DRA
VRA
0080h
2Ch Front DAC rate
SR15 SR14 SR13 SR12 SR11 SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
2Eh
Rear DAC rate
SR15 SR14 SR13 SR12 SR11 SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
30h
LFE DAC rate
SR15 SR14 SR13 SR12 SR11 SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
32h
Audio ADC rate
SR15 SR14 SR13 SR12 SR11 SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
36h
6ch vol. C,LFE
Mute
X
X
LFE4 LFE3
LFE2 LFE1 LFE0
Mute
X
X
NT4
NT3
CNT2 CNT1 CNT0 0000h
38h
6ch vol. L,R surr Mute
X
X
LSR4 LSR3 LSR2 LSR1 LSR0
Mute
X
X
SR4
SR3
RSR2 RSR1 RSR0 8080h
3Ch Ext’d mdm ID
ID1
ID0
XXX
XXXXXX
ID2
CID1 HSET LIN2 LIN1
x00xh
3Eh
Ext’d mdm stat
PRH
PRG
PRF
PRE
PD
PRC
PRB
PRA
DAC
HADC DAC2 DC2
AC1
ADC1 MREF PIO
0100h
40h
Line1 sample
rate ADC/DAC
SR15 SR14 SR13 SR12 SR11 SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
42h
Line2 sample
rate ADC/DAC
Sample rates written to 42h will alias onto 40h
46h
Line1 DAC/ADC
level
Not supported - set TX modem levels by writing to rear DAC PGA 04h
48h
Line2 DAC/ADC
level
Not supported - set TX modem levels by writing to rear DAC PGA 04h
4Ch GPIO pin config
00
GW13
GW12
GW1
000000
0000
0
000Eh
4Eh
GPIO pin type
11
GC13 GC12 GC11
111111
1111
1
FFFFh
50h
GPIO pin sticky
00
GP13 GP12 GP11
000000
0000
0
0000h
52h
GPIO wake-up
00
GS13 GS12 GS11
000000
0000
0
0000h
54h
GPIO pin status
00
GI13
GI12
GI11
000000
0000
0
000xh
56h
Misc. modem
ctrl/stat
CID2
CID1
CIDR MLNK
X
HSB2 HSB1 HSB0
X
L2B2
L2B1
L2B0
X
L1B2
L1B1 L1B0
0000h
5Ah
Vendor rsvd test ATST DTST AFTS DFTS RTST
DDS
AMD
DLM
I2S
R2S
AND
HIM
HIC
TRM
BB
AEV
0000h
70h
Rr PCM out vol.
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
0808h
72h
Front mixer vol.
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
0808h
74h
Rear mixer vol.
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
7Ah
Vendor rsvd
XXXXX
XXXXXX
XXXX
X
0000h
7Ch Vendor ID1
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
574Dh
7Eh
Vendor ID2
T7
T6
T5
T4
T3
T2
T1
T0
Rev7
Rev6
Rev5
Rev4
Rev3
Rev2
Rev1 Rev0
4C04h
Table 24 Serial Interface Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com