Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZF013P01 Datasheet(PDF) 3 Page - Rohm

Part # RZF013P01
Description  1.5V Drive Pch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZF013P01 Datasheet(HTML) 3 Page - Rohm

  RZF013P01 Datasheet HTML 1Page - Rohm RZF013P01 Datasheet HTML 2Page - Rohm RZF013P01 Datasheet HTML 3Page - Rohm RZF013P01 Datasheet HTML 4Page - Rohm RZF013P01 Datasheet HTML 5Page - Rohm RZF013P01 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RZF013P01
Data Sheet
3/5
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.02 - Rev.A
Electrical characteristic curves
0
0.5
1
1.5
2
0
0.2
0.4
0.6
0.8
1
VGS= -1.5V
Ta=25°C
Pulsed
VGS= -10V
VGS= -4.5V
VGS= -2.5V
VGS= -1.8V
VGS= -1.2V
0.001
0.01
0.1
1
10
0
0.5
1
1.5
2
VDS= -6V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= - 25°C
10
100
1000
10000
0.01
0.1
1
10
VGS= -1.5V
VGS= -1.8V
VGS= -2.5V
VGS= -4.5V
Ta=25°C
Pulsed
0
0.5
1
1.5
2
02
4
6
8
10
Ta=25°C
Pulsed
VGS= -4.5V
VGS= -2.5V
VGS= -1.8V
VGS= -1.5V
VGS= -1.2V
VGS= -1.0V
10
100
1000
10000
0.01
0.1
1
10
VGS= -2.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
10
100
1000
10000
0.01
0.1
1
10
VGS= -4.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
0.1
1
10
0.01
0.1
1
10
VDS= -6V
Pulsed
Ta= -25°C
Ta=25°C
Ta=75°C
Ta=125°C
10
100
1000
10000
0.01
0.1
1
10
VGS= -1.8V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.1 Typical Output Characteristics(Ⅰ)
Fig.2 Typical Output Characteristics(Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
Fig.9 Forward Transfer Admittance
vs. Drain Current
DRAIN-SOURCE VOLTAGE : -VDS[V]
DRAIN-SOURCE VOLTAGE : -VDS[V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
10
100
1000
10000
0.01
0.1
1
10
VGS= -1.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅴ)
DRAIN-CURRENT : -ID[A]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com