Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZF013P01 Datasheet(PDF) 5 Page - Rohm

Part # RZF013P01
Description  1.5V Drive Pch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZF013P01 Datasheet(HTML) 5 Page - Rohm

  RZF013P01 Datasheet HTML 1Page - Rohm RZF013P01 Datasheet HTML 2Page - Rohm RZF013P01 Datasheet HTML 3Page - Rohm RZF013P01 Datasheet HTML 4Page - Rohm RZF013P01 Datasheet HTML 5Page - Rohm RZF013P01 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RZF013P01
Data Sheet
5/5
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.02 - Rev.A
Measurement circuits
Fig.1-1 Switching Time Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.1-2 Switching Waveforms
90%
90%
90%
10%
10%
10%
50%
50%
Pulse Width
VGS
VDS
ton
toff
tr
td(on)
tf
td(off)
Fig.2-1 Gate Charge Measurement Circuit
VGS
IG(Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.2-2 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd
Notice
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com