Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZF013P01 Datasheet(PDF) 4 Page - Rohm

Part # RZF013P01
Description  1.5V Drive Pch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZF013P01 Datasheet(HTML) 4 Page - Rohm

  RZF013P01 Datasheet HTML 1Page - Rohm RZF013P01 Datasheet HTML 2Page - Rohm RZF013P01 Datasheet HTML 3Page - Rohm RZF013P01 Datasheet HTML 4Page - Rohm RZF013P01 Datasheet HTML 5Page - Rohm RZF013P01 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RZF013P01
Data Sheet
4/5
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.02 - Rev.A
0
100
200
300
400
500
600
02
4
6
8
10
Ta=25°C
Pulsed
ID= -1.3A
ID= -0.6A
0.01
0.1
1
10
00.5
11.5
VGS=0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta=-25°C
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
Ta=25°C
VDD= -6V
ID= -1.3A
RG=10Ω
Pulsed
1
10
100
1000
0.01
0.1
1
10
100
Coss
Crss
Ta=25°C
f=1MHz
VGS=0V
Ciss
1
10
100
1000
0.01
0.1
1
10
tr
tf
td(on)
td(off)
Ta=25°C
VDD= -6V
VGS= -4.5V
RG=10Ω
Pulsed
Fig.10 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.11 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
Fig.13 Dynamic Input Characteristics
Fig.14 Typical Capacitance
vs. Drain-Source Voltage
Fig.12 Switching Characteristics
SOURCE-DRAIN VOLTAGE : -VSD [V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
TOTAL GATE CHARGE : Qg [nC]
DRAIN-SOURCE VOLTAGE : -VDS[V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com