Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MMBT4401
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBT4401 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MMBT4401 Datasheet HTML 1Page - Rectron Semiconductor MMBT4401 Datasheet HTML 2Page - Rectron Semiconductor MMBT4401 Datasheet HTML 3Page - Rectron Semiconductor MMBT4401 Datasheet HTML 4Page - Rectron Semiconductor MMBT4401 Datasheet HTML 5Page - Rectron Semiconductor MMBT4401 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
*
*
*
*
Power dissipation
PCM:
0.3 W(Tamb=25
OC)
Collector current
ICM:
0.6 A
Collector-base voltage
V(BR)CBO: 60 V
Operating and storage junction temperature range
TJ,Tstg: -55OC to+150OC
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
MMBT4401
2007-5
ELECTRICAL CHARACTERISTICS ( @ TA = 25OC unless otherwise noted)
MAXIMUM RATINGES ( @ TA = 25OC unless otherwise noted)
Notes :
CHARACTERISTICS
SYMBOL
UNITS
417
oC/W
Thermal Resistance Junction to Ambient
RATINGS
Max. Steady State Power Dissipation (1) @TA=25oC Derate above 25
OC
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
PD
TJ
TSTG
R qJA
VALUE
MAX.
-
TYP.
-
MIN.
UNITS
mW
300
1. Alumina=0.4*0.3*0.024in.99.5% alumina
2. "Fully ROHS Compliant", "100% Sn plating (Pb-free)".
150
-55 to +150
oC
oC
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(NPN)
Dimensions in inches and (millimeters)
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
1
3
BASE
EMITTER
COLLECTOR
2
1
3
2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
0.047(1.20)
0.055(1.40)


Similar Part No. - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4401 TRSYS-MMBT4401 Datasheet
195Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT4401 ZOWIE-MMBT4401 Datasheet
125Kb / 6P
SWITCHING TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT4401 FAIRCHILD-MMBT4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT4401 DIODES-MMBT4401 Datasheet
52Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30039 Rev. 4 - 2
logo
General Semiconductor
MMBT4401 GE-MMBT4401 Datasheet
117Kb / 3P
SMALL SIGNAL TRANSISTORS (NPN)
More results

Similar Description - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW60C RECTRON-BCW60C Datasheet
297Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2SC3052 RECTRON-2SC3052 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC847A RECTRON-BC847A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848B RECTRON-BC848B Datasheet
454Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848C RECTRON-BC848C Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW66H RECTRON-BCW66H Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT3904 RECTRON-MMBT3904 Datasheet
309Kb / 6P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT5550 RECTRON-MMBT5550 Datasheet
279Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBTA06 RECTRON-MMBTA06 Datasheet
191Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com