Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # MMBT4401
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBT4401 Datasheet(HTML) 3 Page - Rectron Semiconductor

  MMBT4401 Datasheet HTML 1Page - Rectron Semiconductor MMBT4401 Datasheet HTML 2Page - Rectron Semiconductor MMBT4401 Datasheet HTML 3Page - Rectron Semiconductor MMBT4401 Datasheet HTML 4Page - Rectron Semiconductor MMBT4401 Datasheet HTML 5Page - Rectron Semiconductor MMBT4401 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RATING AND CHARACTERISTICS CURVES ( MMBT4401 )
Figure 1. Capacitances
3.0
5.0
7.0
10
30
2.0
20
Figure 3. Turn-On Time
Figure 5. Storage Time
Figure 6. Fall Time
10
20
30
50
70
100
7.0
5.0
300
200
100
70
50
30
0.1
0.2 0.3
1.0
2.0 3.0 5.0
10
20 30 50
10
20 30
50 70 100
200 300
500
REVERSE VOLTAGE (V)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 4. Rise and Fall Times
10
20
30
50
70
100
7.0
5.0
10
20
30
50
70
100
7.0
5.0
10
20 30
50 70 100
200 300
500
10
20 30
50 70 100
200 300
500
10
20 30
50 70 100
200 300
500
IC, COLLECTOR CURRENT (mA)
10
20 30
50 70 100
200 300
500
Figure 2. Charge Data
0.2
0.3
0.5
0.7
1.0
10
0.1
2.0
3.0
5.0
7.0
VCC = 30V
IC/IB = 10
Cobo
QT
QA
25
OC
100OC
Ccb
IC/IB=10
tr@ VCC= 30V
tr@ VCC= 10V
td@ VEB= 2.0V
td@ VEB= 0V
tr
tf
IC/IB=10
IB1=IB2
IB1=IB2
ts'=ts -1/8tf
IC/IB=10
IC/IB= 20
IC/IB= 10 to 20
VCC= 30V
VCC= 30V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com