Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MMBT4401
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBT4401 Datasheet(HTML) 2 Page - Rectron Semiconductor

  MMBT4401 Datasheet HTML 1Page - Rectron Semiconductor MMBT4401 Datasheet HTML 2Page - Rectron Semiconductor MMBT4401 Datasheet HTML 3Page - Rectron Semiconductor MMBT4401 Datasheet HTML 4Page - Rectron Semiconductor MMBT4401 Datasheet HTML 5Page - Rectron Semiconductor MMBT4401 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise noted)
OFF CHARACTERISTICS
ON CHARACTERISTICS(1)
Chatacteristic
Collector-Emitter Breakdown Voltage(1) (IC= 1.0 mAdc, IB= 0)
Collector-Base Breakdown Voltage (IC= 0.1uAdc, IE= 0)
Emitter-Base Breakdown Voltage (IE= 0.1uAdc, IC= 0)
Base Cutoff Current (VCE= 35Vdc, VBE(off)= 0.4Vdc)
Collector Cutoff Current (VCE= 35Vdc, VEB= 0.4Vdc)
DC Current Gain (IC= 0.1mAdc, VCE= 1.0Vdc)
(IC= 10mAdc, VCE= 1.0Vdc)
(IC= 1.0mAdc, VCE= 1.0Vdc)
V(BR)CEO
40
-
Vdc
V(BR)CBO
60
-
Vdc
V(BR)EBO
6.0
-
Vdc
ICEX
IBEV
-
0.1
-
0.1
hFE
20
-
-
40
-
80
-
100
300
uAdc
uAdc
Symbol
Min
Max
Unit
(IC= 150mAdc, VCE= 1.0Vdc)
Collector-Emitter Saturation Voltage (1) (IC= 150mAdc, IB= 15mAdc)
(IC= 500mAdc, IB= 50mAdc)
(IC= 500mAdc, VCE= 2.0Vdc)
Vdc
VCE(sat)
40
-
-
0.4
-
0.75
Vdc
VBE(sat)
0.75
0.95
-
1.2
Base-Emitter Saturation Voltage (1) (IC= 150mAdc, IB= 15mAdc)
(IC= 500mAdc, IB= 50mAdc)
SMALL-SIGNAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
fT
250
-
MHz
Current-Gain-Bandwidth Product (IC= 20mAdc, VCE= 10Vdc, f= 100MHz)
Ccb
Ceb
-
6.5
pF
pF
td
tr
ts
tf
-
-
-
-
ns
ns
hie
-
30
1.0
15
kohms
hre
0.1
8.0
40
500
X 10-4
hfe
1.0
30
-
hoe
225
30
15
20
umhos
Output Capacitance (VCB= 5.0Vdc, IE= 0, f= 1.0MHz)
Input Capacitance (VEB= 0.5Vdc, IC= 0, f= 1.0MHz)
Voltage Feedback Ratio (VCE= 10Vdc, IC= 1.0mAdc, f= 1.0kHz)
Output Admittance (VCE= 10Vdc, IC= 1.0mAdc, f= 1.0kHz)
(VCC= 30Vdc, VEB= 2.0Vdc, IC= 150mAdc, IB1= 15mAdc)
(VCC= 30Vdc, IC= 150mAdc, IB1= IB2= 15mAdc)
Input lmpedance (VCE= 10Vdc, IC= 1.0mAdc, f= 1.0kHz)
Small-Signal Current Gain (VCE= 10Vdc, IC= 1.0mAdc, f= 1.0kHz)
Delay Time
Rise Time
Storage Time
Fall Time
Note : Pulse Test: Pulse Width<300ms,Duty Cycle<2.0%
-
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com