Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # HER201
Description  2.0A HIGH EFFICIENCY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER201 Datasheet(HTML) 1 Page - Won-Top Electronics

  HER201 Datasheet HTML 1Page - Won-Top Electronics HER201 Datasheet HTML 2Page - Won-Top Electronics HER201 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HER201 – HER208
1 of 3
© 2002 Won-Top Electronics
HER201 – HER208
2.0A HIGH EFFICIENCY RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 2.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
50
75
nS
Typical Junction Capacitance (Note 3)
Cj
60
40
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-15
Dim
Min
Max
A
25.4
—
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Lunsure Electr...
HER201 CHENYI-HER201 Datasheet
155Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2A01 DIODES-2A01 Datasheet
57Kb / 2P
2.0A RECTIFIER
DS29008 Rev. B-2
DFLS230LH DIODES-DFLS230LH Datasheet
78Kb / 3P
2.0A HIGH EFFICIENCY SCHOTTKY BARRIER RECTIFIER
DS30583 Rev. 2 - 2
2A01 DIODES-2A01_1 Datasheet
62Kb / 3P
2.0A RECTIFIER
DS29008 Rev. 4 - 2
DFLS230LH DIODES-DFLS230LH_08 Datasheet
114Kb / 3P
2.0A HIGH EFFICIENCY SCHOTTKY BARRIER RECTIFIER
DS30583 Rev. 4 - 2
logo
SUNMATE electronic Co.,...
EGP20A SUNMATE-EGP20A Datasheet
111Kb / 2P
2.0A Axial Leaded High Efficiency Rectifier
logo
Diodes Incorporated
DFLS230LH DIODES-DFLS230LH_15 Datasheet
79Kb / 4P
2.0A HIGH EFFICIENCY SCHOTTKY BARRIER RECTIFIER POWERDI짰123
Rev 5
logo
Zibo Seno Electronic En...
HER201 ZSELEC-HER201 Datasheet
108Kb / 2P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Lowpower Semiconductor ...
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
High Efficiency 2.0A Boost DC/DC Convertor
logo
uPI Group Inc.
UP9617 UPI-UP9617 Datasheet
214Kb / 15P
1MHz, 2.0A, High-Efficiency Synchronous-Rectified Buck Converter
logo
Chip Advanced Technolog...
CAT7105 CAT-CAT7105 Datasheet
758Kb / 12P
2.0A High Efficiency Step-Down DC/DC Converter
May-2007 Rev:0.94
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com