Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC301 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC301
Description  3.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC301 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC301 Datasheet HTML 1Page - Won-Top Electronics KBPC301 Datasheet HTML 2Page - Won-Top Electronics KBPC301 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBPC300 – KBPC310
1 of 3
© 2002 Won-Top Electronics
KBPC300 – KBPC310
3.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
High Current Capability
!
High Case Dielectric Strength
H
!
High Surge Current Capability
!
Ideal for Printed Circuit Board Application
+
~
!
Plastic Material has Underwriters Laboratory
G
Flammability Classification 94V-O
A
!
UL Recognized File # E157705
~
-
E
Mechanical Data
!
Case: Molded Plastic
D
C
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 3.8 grams (approx.)
A
!
Mounting Position: Through Hole for #6 Screw
!
Mounting Torque: 5.0 Inch-pounds Maximum
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBPC
300
KPBC
301
KBPC
302
KBPC
304
KBPC
306
KBPC
308
KBPC
310
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 50°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
50
A
Forward Voltage (per element)
@IF = 1.5A
VFM
1.2
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
1.0
µA
mA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
10
A2s
Typical Junction Capacitance (Note 3)
Cj
55
pF
Typical Thermal Resistance (Note 4)
RJC
25
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
4. Thermal resistance junction to case per element.
WT E
PO W E R SEM IC O ND UC TO R S
KBPC-3
Dim
Min
Max
A
14.73
15.75
B
5.84
6.86
C
19.00
—
D
0.70 Ø Typical
E
1.70
2.72
Hole for #6 screw
G
3.60
4.00
H
10.30
11.30
All Dimensions in mm


Similar Part No. - KBPC301

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC301 JGD-KBPC301 Datasheet
118Kb / 2P
SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBPC301 ETC1-KBPC301 Datasheet
37Kb / 1P
BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC301 WTE-KBPC301 Datasheet
43Kb / 4P
3.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC301 DAESAN-KBPC301 Datasheet
178Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Diotech Company.
KBPC301 DIOTECH-KBPC301 Datasheet
785Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC301

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBPC301 DIODES-PBPC301 Datasheet
51Kb / 2P
3.0A BRIDGE RECTIFIER
DS21345 Rev. C-2
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301 Datasheet
3Mb / 2P
3.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBP301 ZSELEC-GBP301 Datasheet
58Kb / 2P
3.0A BRIDGE RECTIFIER
KBP301 ZSELEC-KBP301 Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
KBP301G ZSELEC-KBP301G Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
KBP3005 ZSELEC-KBP3005 Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
UR3KB05 ZSELEC-UR3KB05 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
3RS101M ZSELEC-3RS101M Datasheet
95Kb / 2P
3.0A BRIDGE RECTIFIER
D3KB05 ZSELEC-D3KB05 Datasheet
117Kb / 2P
3.0A BRIDGE RECTIFIER
GBP301 ZSELEC-GBP301_V01 Datasheet
85Kb / 2P
3.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com