Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G32 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # G32
Description  3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G32 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  G32 Datasheet HTML 1Page - TOCOSAMERICA, INC. G32 Datasheet HTML 2Page - TOCOSAMERICA, INC. G32 Datasheet HTML 3Page - TOCOSAMERICA, INC. G32 Datasheet HTML 4Page - TOCOSAMERICA, INC. G32 Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
11
1/5
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . . 50Ω to 2MΩ
(standard 1, 2 & 5 sequence)
Resistance Tolerance . . . . . . . . . . . . . . . . .
20% standard
End Resistance . . . . . . . . . . 1% or 3Ω, whichever is greater
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . B = Linear
Peak Noise (C.R.V.) . . . . . . . 2% or 3Ω, whichever is greater
Power Rating . . . . . . 0.125 watt at
70 C; 0 watt at
125 C
Maximum Input Voltage . . . . . . . . 200VDC or power rating,
whichever is smaller
Temperature Coefficient . . . .
100 ppm / C, 200Ω to 1MΩ
250 ppm / C, other values
Insulation Resistance . . . . . . . 100MΩ minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 220
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 250
10
Shaft Torque . . . . . . . . . . . . . . . 50 gf • cm (0.69 oz • in) max.
Stop Strength . . . . . . . . . . . . . . 200 gf • cm (2.77 oz • in) min.
Flammability of Plastic Materials . . . . . . . Meets UL 94V-0
Nominal Weight . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.068g
Marking . . . . . . . . . . . . Resistance value or code, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
55 Cto
125 C
Low Temperature Operation . . .
55 C, 0.125 watt, 1 hour
∆T/R ) 2%, S.S. ) 2%
High Temperature Exposure . . . . . . . . .
125 C, 250 hours
∆T/R ) 2%, S.S. ) 2%
Load Life . . . . . . . . . . . . . . .
70 C, 0.125 watt, 1,000 hours
∆T/R ) 3%, S.S. ) 2%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . .
55 C, 125 C,
30 minutes each, 5 cycles
∆T/R ) 2%, S.S. ) 1%
Shock . . . . . . . . . . . . .100G, 6ms, 6 directions, 3 times each
∆T/R ) 1%, S.S. ) 1%
Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude,
20G, 12 hours
∆T/R ) 1%, S.S. ) 1%
Humidity . . . . . . . . . . . . . . . . . . . . . . . .
40 C, 90-95%RH,
0.125 watt, 500 hours
∆T/R ) 3%, S.S. ) 2%
Moisture Resistance . . . . . .
10 C to
65 C, 80-98%RH,
0.125 watt, 10 cycles, 240 hours
∆T/R ) 3%
Soldering Heat Resistance . . . . . . . . . . 240 C, 10 seconds
∆T/R ) 1%
Seal Test . . . . . . . . . . . . . . . . .
85 C, hot water for 1 minute
Rotational Life . . . .100 cycles without discontinuity, no load
∆T/R ) 5%
∆T/R = Total Resistance Change; S.S. = Setting Stability ( voltage ratio )
G32 Series
3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
TOCOS®
POTENTIOMETERS
Features
3mm square SMD, single-turn, sealed cermet trimmers
Available in J-hook and gull-wing terminal configurations
Meets EIA, EIAJ, IPC, VECI standard SMD trimmer designs
Pb-free and Cd-free construction
RoHS compliant
Gold-plated leads provide high conductivity, low contact resistance, high corrosion resistance and good solderability
Top cross-slot adjustment (top single-slot models available as special order)
Tape and reel packaging
RoHS Compliant
IMPROVED DESIGN
Pb-Free and Cd-Free
Effective Date Feb. 2005


Similar Part No. - G32

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
G32 SENSATA-G32 Datasheet
376Kb / 2P
Single Pole Single Throw - Normally Closed
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3200 GREENLIANT-G3200 Datasheet
1Mb / 2P
SATA 2.5 Enterprise SSD
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
G3202 GMT-G3202 Datasheet
294Kb / 3P
1 SPDT Analog Switch
More results

Similar Description - G32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
19-Jan-04
TS5Y VISHAY-TS5Y Datasheet
180Kb / 3P
Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
04-Mar-02
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
19-Jan-04
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
27-Jun-07
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
27-Jun-07
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
22-Dec-08
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com