Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G32 Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # G32
Description  3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G32 Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  G32 Datasheet HTML 1Page - TOCOSAMERICA, INC. G32 Datasheet HTML 2Page - TOCOSAMERICA, INC. G32 Datasheet HTML 3Page - TOCOSAMERICA, INC. G32 Datasheet HTML 4Page - TOCOSAMERICA, INC. G32 Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
5/5
Part Numbers
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance
20%
Value ( Ω )
Code
Catalog No.
Tape & Reel
Catalog No.
Bulk
G32A J-Hook, Cross-Slot, Top Adjust
G32AT B 500 M
G32AT B 101 M
G32AT B 201 M
G32AT B 501 M
G32ATB102M
G32AT B 202 M
G32AT B 502 M
G32ATB103M
G32AT B 203 M
G32AT B 503 M
G32ATB104M
G32AT B 204 M
G32AT B 504 M
G32ATB105M
G32AT B 205 M
G32A B 500 M
G32A B 101 M
G32A B 201 M
G32A B 501 M
G32A B 102 M
G32A B 202 M
G32A B 502 M
G32A B 103 M
G32A B 203 M
G32A B 503 M
G32A B 104 M
G32A B 204 M
G32A B 504 M
G32A B 105 M
G32A B 205 M
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
Part Numbering System
G32
A
T
105
M
B
Resistance Tolerance: M =
20%
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω ).
Resistance Taper: B = Linear.
Packaging: T = Tape & Reel; Blank = Bulk.
Terminal Style: A = J-Hook; B = Gull-Wing.
TOCOS Series Name.
G32 Series
G32A
Effective Date Feb. 2005
G32B Gull-Wing, Cross-Slot, Top Adjust
G32BT B 500 M
G32BT B 101 M
G32BT B 201 M
G32BT B 501 M
G32BTB102M
G32BT B 202 M
G32BT B 502 M
G32BTB103M
G32BT B 203 M
G32BT B 503 M
G32BTB104M
G32BT B 204 M
G32BT B 504 M
G32BTB105M
G32BT B 205 M
G32B B 500 M
G32B B 101 M
G32B B 201 M
G32B B 501 M
G32B B 102 M
G32B B 202 M
G32B B 502 M
G32B B 103 M
G32B B 203 M
G32B B 503 M
G32B B 104 M
G32B B 204 M
G32B B 504 M
G32B B 105 M
G32B B 205 M
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G32B
Packaging
Cleaning Guidelines
Standard:
Tape & Reel Packaging
Bulk Packaging
500 pieces per 7” reel.
100 pieces per vinyl bag.
1,000 pieces per box.
For cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com