Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G32 Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # G32
Description  3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G32 Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  G32 Datasheet HTML 1Page - TOCOSAMERICA, INC. G32 Datasheet HTML 2Page - TOCOSAMERICA, INC. G32 Datasheet HTML 3Page - TOCOSAMERICA, INC. G32 Datasheet HTML 4Page - TOCOSAMERICA, INC. G32 Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
3/5
Soldering Guidelines
G32 Series
Recommended Land Patterns
Flow Soldering Method
G32A
G32B
Reflow Soldering Method
G32A
G32B
Unit: mm
3.2
1.2
R 1.4
0.8
1.2
5.7
2.1
1.6
1.0
1.0
1.8
#1
#3
#2
3.2
1.2
0.8
1.2
4.6
1.2
1.5
0.9
1.0
1.6
#1
#3
#2
3.2
1.2
R 1.4
0.8
1.2
6.6
2.3
2.3
1.0
1.0
1.8
#1
#3
#2
3.2
1.2
0.8
1.2
6.0
1.9
2.2
0.9
1.0
1.6
#1
#3
#2
Effective Date Feb. 2005
Recommended Soldering Profiles
Flow Soldering Profile
Reflow Soldering Profile
Time (min.)
TP 260°C Max. Peak Temp.
TM 230°C Solder Melting Temp.
ts.* 5 sec.
Solder
Melting Time
250
200
150
100
50
12
3
4
(180°C)
(140°C)
Time (min.)
Pre-Heat Zone
2 min.
ts.*40 sec.
Solder
Melting Time
TP 260°C Max. Peak Temp.
250
200
150
100
50
12
3
4
TM 230°C Solder Melting Temp.
(190°C)
(170°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com