Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV4 Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # GV4
Description  4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GV4 Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  GV4 Datasheet HTML 1Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 2Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 3Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 4Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 5Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 6Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
24
Dimensions
GV4W J-Hook, Single-Slot, Top Adjust
GV4J J-Hook, Single-Slot, Side Adjust
GV4G Gull-Wing, Single-Slot, Side Adjust
Unit: mm
GV4 Series
Electrical Schematic
#2
wiper
#3 cw
clockwise
ccw
#1
5.3 0.2
5.1 0.1
2.6 0.2
1.2 0.2
4.8
0.1
3.9
0.2
0.8 0.1
1.0 0.2
1.0 0.2
0.8 0.2
3.5
0.1
2.54
0.2
1.3 0.1
1.65 0.2
2.54
0.2
#1
#3
#2
SLOT
0.5W
1.5L
0.5D
Ø
1.5
1.7 0.2
5.0 0.2
4.6 0.1
2.6 0.2
1.2 0.2
4.8
0.1
2.2
0.2
3.7
0.2
1.0
0.2
0.8 0.1
3.5
0.1
1.3 0.1
#1
#3
#2
1.2 0.2
1.2 0.2
SLOT
0.5W
1.5L
0.5D
Ø
1.5
5.8 0.2
4.6 0.1
2.8 0.2
1.2 0.2
4.8
0.1
2.2
0.2
3.9
0.2
0.6 0.2
0.8 0.1
3.5
0.1
1.3 0.1
#1
#3
#2
SLOT
0.5W
1.5L
0.5D
Ø
1.5
0.6 0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com