Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV4 Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # GV4
Description  4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GV4 Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  GV4 Datasheet HTML 1Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 2Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 3Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 4Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 5Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 6Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
25
Recommended Land Patterns
Flow or Reflow Soldering Methods
Soldering Guidelines
Unit: mm
GV4W
GV4J
GV4G
GV4 Series
Recommended Soldering Profiles
Flow Soldering Profile
Reflow Soldering Profile
3.84
1.3
1.24
1.3
2.54
4.5
2.9
1.6
1.6
0.65
0.65
2.0
#1
#3
#2
3.6
1.3
1.0
1.3
2.3
6.0
4.0
2.0
2.0
1.0
1.0
2.0
#1
#3
#2
3.6
1.3
1.0
1.3
2.3
6.5
5.2
1.3
1.3
1.95
1.95
2.0
#1
#3
#2
Time (min.)
Pre-Heat Zone
TP 260
°C Max.
TM 180
°C
Solder Melting Temp.
ts.*3~4 sec.
Solder
Melting Time
250
200
150
100
50
12
3
4
Time (min.)
Pre-Heat Zone
ts.*10 sec.
Solder
Melting Time
TP*240
°C Max.
TM 180
°C
Solder Melting Temp.
240
200
150
100
50
12
3
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com