Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV4 Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # GV4
Description  4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GV4 Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  GV4 Datasheet HTML 1Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 2Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 3Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 4Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 5Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 6Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
27
Part Numbering System
GV4
J
T
102
K
B
Resistance Tolerance: K =
10% standard.
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10
Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω).
Resistance Taper: B = Linear.
Packaging: T = Tape & Reel; Blank = Bulk.
Terminal Style: W = J-Hook Top Adjust.
J = J-Hook Side Adjust.
G = Gull-Wing Side Adjust.
TOCOS Series Name.
GV4 Series
Part Numbers
Potentiometer
Styles
Nominal Resistance
Single-Slot
Maximum Input Ratings
Value (
Ω)
Code
Catalog No.
Tape & Reel
Maximum Wiper
Current (mA)
Catalog No.
Bulk
Maximum
Input Voltage ( V )
GV4WT B 100 K
GV4WT B 200 K
GV4WT B 500 K
GV4WT B 101 K
GV4WT B 201 K
GV4WT B 501 K
GV4WT B 102 K
GV4WT B 202 K
GV4WT B 502 K
GV4WT B 103 K
GV4WT B 203 K
GV4WT B 503 K
GV4WT B 104 K
GV4WT B 204 K
GV4WT B 504 K
GV4WT B 105 K
GV4WT B 205 K
GV4W B 100 K
GV4W B 200 K
GV4W B 500 K
GV4W B 101 K
GV4W B 201 K
GV4W B 501 K
GV4W B 102 K
GV4W B 202 K
GV4W B 502 K
GV4W B 103 K
GV4W B 203 K
GV4W B 503 K
GV4W B 104 K
GV4W B 204 K
GV4W B 504 K
GV4W B 105 K
GV4W B 205 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
102
202
502
502
103
203
503
104
204
504
105
205
100.0
100.0
70.7
50.0
35.4
22.4
15.8
11.2
7.07
5.00
3.54
2.24
1.58
1.00
0.40
0.20
0.10
1.00
2.00
3.53
5.00
7.07
11.18
15.80
22.36
35.35
50.00
70.70
111.8
158.11
223.60
300.00
300.00
300.00
GV4W J-Hook, Single-Slot, Top Adjust
GV4JT B 100 K
GV4JT B 200 K
GV4JT B 500 K
GV4JT B 101 K
GV4JT B 201 K
GV4JT B 501 K
GV4JT B 102 K
GV4JT B 202 K
GV4JT B 502 K
GV4JT B 103 K
GV4JT B 203 K
GV4JT B 503 K
GV4JT B 104 K
GV4JT B 204 K
GV4JT B 504 K
GV4JT B 105 K
GV4JT B 205 K
GV4J B 100 K
GV4J B 200 K
GV4J B 500 K
GV4J B 101 K
GV4J B 201 K
GV4J B 501 K
GV4J B 102 K
GV4J B 202 K
GV4J B 502 K
GV4J B 103 K
GV4J B 203 K
GV4J B 503 K
GV4J B 104 K
GV4J B 204 K
GV4J B 504 K
GV4J B 105 K
GV4J B 205 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
102
202
502
502
103
203
503
104
204
504
105
205
100.0
100.0
70.7
50.0
35.4
22.4
15.8
11.2
7.07
5.00
3.54
2.24
1.58
1.00
0.40
0.20
0.10
1.00
2.00
3.53
5.00
7.07
11.18
15.80
22.36
35.35
50.00
70.70
111.8
158.11
223.60
300.00
300.00
300.00
GV4J J-Hook, Single-Slot, Side Adjust
GV4W
GV4J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com