Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV6 Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # GV6
Description  1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GV6 Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  GV6 Datasheet HTML 1Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 2Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 3Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 4Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
115
Dimensions
GV6 Series
GV6P
P Terminal Style, Single-Slot, Top Adjust
GV6U
U Terminal Style, Single-Slot, Top Adjust
GV6S
S Terminal Style, Single-Slot, Side Adjust
GV6V
V Terminal Style, Single-Slot, Side Adjust
Unit: mm
Unit: mm
Recommended PCB Layout
Electrical Schematic
P & S Pin-Out
U & V Pin-Out
#2
wiper
#3 cw
clockwise
ccw
#1
2.5
0.3
2.0 0.3
6.8
0.4
6.8 0.3
Ø2.5
6.8 0.3
5.0 1.0
1.5
0.3
5.0
0.3
2.5
0.3
2.5
0.3
0.5 x 0.3 (3)
0.1
0.1
#1
#2
#3
SLOT
0.5W
2.5L
0.5D
2.0 0.3
6.8
0.4
6.8 0.3
Ø2.5
6.8 0.3
5.0 1.0
5.0
0.3
2.5
0.3
2.5
0.3
0.5 x 0.3 (3)
0.1
0.1
#1
#2
#3
SLOT
0.5W
2.5L
0.5D
3.4
0.2
0.5 x 0.3 (3)
7.8
Max.
0.3 Max.
5.0 1.0
6.2 0.4
5.0
0.3
0.5 0.1
2.5 0.3
2.5
0.3
2.5
0.3
4.1 0.3
0.1
0.1
#1
#2
#3
8.2 0.4
6.8
0.3
Ø2.5
SLOT
0.5W
2.5L
0.5D
0.5 x 0.3 (3)
7.8
Max.
0.3 Max.
5.0 1.0
6.2 0.4
5.0
0.3
0.5 0.1
2.5
0.3
2.5
0.3
4.1 0.3
0.1
0.1
#1
#2
#3
8.2 0.4
6.8
0.3
Ø2.5
SLOT
0.5W
2.5L
0.5D
#3
#2
#1
5.0
2.5
Ø
1.0 max.
(3 holes)
#3
#2
#1
5.0
2.5
2.5
Ø
1.0 max.
(3 holes)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com