Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV6 Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # GV6
Description  1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GV6 Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  GV6 Datasheet HTML 1Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 2Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 3Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 4Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
116
Tape, Reel & Ammo Box Specifications
Tape Dimensions
Conforms to EIA-468-B and JIS-C-0805
GV6UT & GV6UT2
Unit: mm
GV6 Series
GV6VT & GV6VT2
Reel Dimensions
Conforms to EIA-468-B and JIS-C-0805
UT & VT
Ammo Box Dimensions
Conforms to EIA-468-B and JIS-C-0805
UT2 & VT2
0.5 x 0.3 (3)
0.1
0.1
#1 #2 #3
6.35
0.4
Ø
4.0 0.2
6.0
0.3
12.7 0.3
12.7 0.3
1.0
Max.
0.4 0.1
9.0
0.5
18.0
1.0, 0.5
26.8
0.5
20.0
1.0, 0.5
16
6.8
0.3
Direction of Reel Feed
3.4
0.2
2.0 Max.
2.0 Max.
1.3 Max.
1.3 Max.
0.5 x 0.3 (3)
0.1
0.1
#1 #2 #3
6.35
0.4
Ø
4.0 0.2
6.0
0.3
12.7 0.3
12.7 0.3
1.0
Max.
0.4 0.1
9.0
0.5
18.0
1.0, 0.5
28.2
0.4
20.0
1.0, 0.5
17.1
6.8
0.3
3.2
0.3
Direction of Reel Feed
2.0 Max.
2.0 Max.
1.3 Max.
1.3 Max.
Ø
363.0 Max.
52.0
1.0
43.0
2.0
Ø
79.0
1.0
Ø
30.0 1.0
310.0
325.0
First Terminal is #3
43.0
3
1
First Terminal is #1
39mm minimum
leader at both ends
1,000 Pieces
Per 14.3” Reel
1,000
Pieces
Per Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com