Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV6 Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # GV6
Description  1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GV6 Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  GV6 Datasheet HTML 1Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 2Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 3Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 4Page - TOCOSAMERICA, INC. GV6 Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
118
Part Numbers
GV6 Series
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Tape & Reel Packaging
Bulk Packaging
UT & VT
All GV6 Models
1,000 pieces per 14.3” reel.
50 pieces per vinyl bag.
500 pieces per box.
Tape & Ammo Packaging
UT2 & VT2
1,000 pieces per ammo box.
GV6S B 100 K
GV6S B 200 K
GV6S B 500 K
GV6S B 101 K
GV6S B 201 K
GV6S B 501 K
GV6S B 102 K
GV6S B 202 K
GV6S B 502 K
GV6S B 103 K
GV6S B 203 K
GV6S B 503 K
GV6S B 104 K
GV6S B 204 K
GV6S B 504 K
GV6S B 105 K
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
GV6S Through-Hole, S Terminal Style, Single-Slot, Side Adjust
GV6V B 100 K
GV6V B 200 K
GV6V B 500 K
GV6V B 101 K
GV6V B 201 K
GV6V B 501 K
GV6V B 102 K
GV6V B 202 K
GV6V B 502 K
GV6V B 103 K
GV6V B 203 K
GV6V B 503 K
GV6V B 104 K
GV6V B 204 K
GV6V B 504 K
GV6V B 105 K
GV6VT B 100 K
GV6VT B 200 K
GV6VT B 500 K
GV6VT B 101 K
GV6VT B 201 K
GV6VT B 501 K
GV6VT B 102 K
GV6VT B 202 K
GV6VT B 502 K
GV6VT B 103 K
GV6VT B 203 K
GV6VT B 503 K
GV6VT B 104 K
GV6VT B 204 K
GV6VT B 504 K
GV6VT B 105 K
GV6VT2 B 100 K
GV6VT2 B 200 K
GV6VT2 B 500 K
GV6VT2 B 101 K
GV6VT2 B 201 K
GV6VT2 B 501 K
GV6VT2 B 102 K
GV6VT2 B 202 K
GV6VT2 B 502 K
GV6VT2 B 103 K
GV6VT2 B 203 K
GV6VT2 B 503 K
GV6VT2 B 104 K
GV6VT2 B 204 K
GV6VT2 B 504 K
GV6VT2 B 105 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
GV6V Through-Hole, V Terminal Style, Single-Slot, Side Adjust
* Substitute code letter M in place of K at end of catalog part number for
20% resistance tolerance.
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance: K =
10% (see footnote for M =
20% )
Value (
Ω)
Code
*Catalog No.*
Tape & Reel
*Catalog No.*
Bulk
*Catalog No.*
Tape & Ammo Box
GV6S
GV6V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com