Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL24 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SL24
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SL24 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SL24 Datasheet HTML 1Page - Silicon Standard Corp. SL24 Datasheet HTML 2Page - Silicon Standard Corp. SL24 Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifiers
08/03/2007 Rev.1.00
www.SiliconStandard.com
1
SL22 thru SL24
PRODUCT SUMMARY
Surface Mount Low VF
Reverse Voltage 20 to 40 Volts
Forward Current 2.0 Amperes
FEATURES
For surface mounted application
Metal silicon junction, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carries Underwriters Laboratory
Classification 94V-O
Epitaxial construction
High temperature soldering:
250
oC / 10 seconds at terminals
MECANICAL DATA
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Weight: 0.003 ounce, 0.093 gram
Pb-free; RoHS-compliant


Similar Part No. - SL24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL24 PANJIT-SL24 Datasheet
53Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SL24 TRSYS-SL24 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Semtech Corporation
SL24 SEMTECH-SL24 Datasheet
167Kb / 7P
Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Formosa MS
SL24 FORMOSA-SL24 Datasheet
67Kb / 2P
Silicon epitaxial planer type
logo
Micro Commercial Compon...
SL24 MCC-SL24 Datasheet
369Kb / 2P
Transient Voltage Suppressor 300 Watt
More results

Similar Description - SL24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com