Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS14L Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS14L
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS14L Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS14L Datasheet HTML 1Page - Silicon Standard Corp. SS14L Datasheet HTML 2Page - Silicon Standard Corp. SS14L Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifiers
08/22/2007 Rev.1.00
www.SiliconStandard.com
1
PRODUCT SUMMARY
1.0 Amp. Surface Mount
FEATURES
For surface mounted application
Low-Profile Package
Ideal for automated pick & place

Low power loss, high efficiency

High current capability, low VF
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V- 
0
Epitaxial construction
High temperature soldering: 260
o
C
/ 10 seconds at
terminals
MECHANICAL DATA

Cases: Sub SMA plastic case

Terminal : Pure tin plated, lead free.
Polarity: Color band denotes cathode end
Packaging: 12mm tape per EIA STD RS-481
Weight approx. 15mg
Dimensions in inches and (millimeters)
Sub SMA
Pb-free; RoHS-compliant
SS12L thru SS115L


Similar Part No. - SS14L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS14L TSC-SS14L Datasheet
50Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SS14L PANJIT-SS14L Datasheet
84Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
SS14L TSC-SS14L Datasheet
545Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS14L TSC-SS14L Datasheet
204Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Jinan Jingheng (Group) ...
SS14L JINANJINGHENG-SS14L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS14L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com