Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS110 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS110
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS110 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS110 Datasheet HTML 1Page - Silicon Standard Corp. SS110 Datasheet HTML 2Page - Silicon Standard Corp. SS110 Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifiers
12/12/2007 Rev.1.00
www.SiliconStandard.com
1
SS12 thru SS115
PRODUCT SUMMARY
1.0AMP Surface Mount
FEATURES

For surface mounted application

Easy pick and place

Metal to silicon rectifier, majority carrier conduction

Low power loss, high efficiency

High current capability, low VF
High surge current cap

ability
Plastic material used carriers Underwriters
Laboratory Classification 94V- 
0

Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
MECANICAL DATA
Case: JEDEC SMA/DO-

214AC Molded plastic
Terminals: Pure t

in plated, lead free

Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-

481
Weight: 0.066 gram
Dimensions in inches and (millimeters)
SMA/DO-214AC
Pb-free; RoHS-compliant


Similar Part No. - SS110

ManufacturerPart #DatasheetDescription
logo
Surge Components
SS110 SURGE-SS110 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Micro Commercial Compon...
SS110 MCC-SS110 Datasheet
353Kb / 2P
1 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SS110 TSC-SS110 Datasheet
137Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS110 TSC-SS110 Datasheet
59Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
TAITRON Components Inco...
SS110 TAITRON-SS110 Datasheet
175Kb / 3P
1.0A Surface Mount Schottky Rectifier
More results

Similar Description - SS110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com